Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSD3021-XX Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LSD3021-XX
Description  SINGLE DIGIT LED DISPLAY (0.3 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD3021-XX Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSD3021-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD3021-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD3021-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD3021-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD3021-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD3021-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD3021-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD3021-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Common
Anode
4/7
Page
15
H
60
40
mW
mA
mA
UNIT
Symbol
IF
IFP
PD
Parameter
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Ratings
Absolute Maximum Ratings at Ta=25
Forward Current Per Chip
Power Dissipation Per Chip
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
2:1
IV-M
Iv(mcd)
Vf(v)
Electrical
Typ.
Min.
0.5
0.35
Typ.
Min.
2.1
1.7
2.6
Max.
Topr
Tstg
90
697
common
cathode
or anode
λP
(nm)
△λ
(nm)
CHIP
Emitted
Red
GaP
Material
-25 ~ +85
-25 ~ +85
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Part Selection And Application Information(Ratings at 25)
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
PART NO
LSD3021-XX
Storage Temperature
Operating Temperature
μA
10
Ir
Reverse Current Per Any Chip
LSD3021-XX
PART NO.


Similar Part No. - LSD3021-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD3025-6SR9UG-XX-G-PF LIGITEK-LSD3025-6SR9UG-XX-G-PF Datasheet
168Kb / 10P
   SINGLE DIGIT LED DISPLAY (3.0 Inch)
LSD3025-XX-PF LIGITEK-LSD3025-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3025/6SR9UG-XX/G-PF LIGITEK-LSD3025/6SR9UG-XX/G-PF Datasheet
168Kb / 10P
   SINGLE DIGIT LED DISPLAY (3.0 Inch)
More results

Similar Description - LSD3021-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD3012P-XX-PF LIGITEK-LSD3012P-XX-PF Datasheet
137Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3922-XX-P7-PF LIGITEK-LSD3922-XX-P7-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3922-XX-PF LIGITEK-LSD3922-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3015-XX LIGITEK-LSD3015-XX Datasheet
118Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3025-XX-PF LIGITEK-LSD3025-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3014-XX LIGITEK-LSD3014-XX Datasheet
118Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3222-XX-PF LIGITEK-LSD3222-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
logo
PARA LIGHT ELECTRONICS ...
C-311SR-PSN-A PARALIGHT-C-311SR-PSN-A Datasheet
193Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSD-322A9 CHINASEMI-CSD-322A9 Datasheet
175Kb / 5P
   0.3 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-301GB PARALIGHT-A-301GB Datasheet
150Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com