Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTW-102C4 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTW-102C4
Description  Property of Lite-On Only
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-102C4 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

  LTW-102C4 Datasheet HTML 1Page - Lite-On Technology Corporation LTW-102C4 Datasheet HTML 2Page - Lite-On Technology Corporation LTW-102C4 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-102C4 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-102C4 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-102C4 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-102C4 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-102C4 Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
CAUTIONS
1. Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office equipment,
communication equipment and household applications). Consult Liteon’s Sales in advance for information on
applications in which exceptional reliability is required, particularly when the failure or malfunction of the
LEDs may directly jeopardize life or health (such as in aviation, transportation, traffic control equipment,
medical and life support systems and safety devices).
2. Storage
The storage ambient for the LEDs should not exceed 30°C temperature or 70% relative humidity. It is
recommended that LEDs out of their original packaging are used within three months.
For extended storage out of their original packaging, it is recommended that the LEDs be stored in a sealed
container with appropriate desiccant or in a dessicator with nitrogen ambient.
3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LEDs if necessary.
4. Lead Forming & Assembly
During lead forming, the leads should be bent at a point at least 3mm from the base of LED lens. Do not use
the base of the leadframe as a fulcrum during forming. Lead forming must be done before soldering at normal
temperature. During assembly on PCB, use minimum clinch force possible to avoid excessive mechanical stress
5. Soldering
When soldering, leave a minimum of 2mm clearance from the base of the lens to the soldering point.
Dipping the lens into the solder must be avoided.
Do not apply any external stress to the lead frame during soldering while the LED is at high temperature.
Recommended soldering condition:
Soldering iron
Wave soldering
Temperature
Soldering time
300°C Max.
3 sec. Max.
(one time only)
Pre-heat
Pre-heat time
Solder wave
Soldering time
100°C Max.
60 sec. Max.
260°C Max.
10 sec. Max.
Note: Excessive soldering temperature and/or time might result in deformation of the LED lens or catastrophic
failure of the LED. IR re-flow is not suitable process for through hole type LED lamp production.
6. Drive Method
An LED is a current operated device, In order to ensure intensity uniformity on multiple LEDs connected in
parallel in an application; it is recommended that a current limiting resistor be incorporated in the drive circuit. In
series with each LED as shown in Circuit A below.
Circuit model A
Circuit model B
LED
LED
Part No. : LTW-102C4
Page :
7
of
8
BNS-OD-C131/A4
(A) Recommended circuit.
(B) The brightness of each LED might
appear different due to the differences
in the I-V characteristics of those
LEDs


Similar Part No. - LTW-102C4

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-108GCG LITEON-LTW-108GCG Datasheet
489Kb / 11P
   Property of Lite-On Only
LTW-108SEG-W LITEON-LTW-108SEG-W Datasheet
634Kb / 12P
   Display & Mobile
logo
HK TO-GRACE TECHNOLOGY ...
LTW-108SEG-W TO-GRACE-LTW-108SEG-W Datasheet
985Kb / 12P
   SMD LED
More results

Similar Description - LTW-102C4

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com