Electronic Components Datasheet Search |
|
LSEG2362-S10-H-PF Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd. |
|
LSEG2362-S10-H-PF Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd. |
7 / 7 page 6/6 Page Description The purpose of this is the resistance of the device which is laid under condition of high temperature for hours. This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed. Test Condition Test Item 1.Ta=105 ℃±5℃ 2.t=1000 hrs (-24hrs, +72hrs) 1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs) The purpose of this test is the resistance of the device under tropical for hours. The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. 1.Ta=-40 ℃±5℃ 2.t=1000 hrs (-24hrs, +72hrs) 1.Ta=65 ℃±5℃ 2.RH=90 %~95% 3.t=240hrs ±2hrs 1.Ta=105 ℃±5℃&-40℃±5℃ (10min) (10min) 2.total 10 cycles The purpose of this is the resistance of the device which is laid under condition of low temperature for hours. Low Temperature Storage Test High Temperature Storage Test Operating Life Test Thermal Shock Test High Temperature High Humidity Test Reliability Test: This test intended to see soldering well performed or not. 1.T.Sol=230 ℃±5℃ 2.Dwell time=5 ±1sec Solderability Test 1.T.Sol=260 ℃±5℃ 2.Dwell time= 10 ±1sec. Solder Resistance Test This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only Reference Standard MIL-STD-883:1008 JIS C 7021: B-10 JIS C 7021: B-12 MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1 MIL-STD-202:103B JIS C 7021: B-11 MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1 MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011 MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2 PART NO. LSEG2362/S10/H-PF |
Similar Part No. - LSEG2362-S10-H-PF |
|
Similar Description - LSEG2362-S10-H-PF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |