Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSEG75562-L15-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LSEG75562-L15-PF
Description  BIPOLAR TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEG75562-L15-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSEG75562-L15-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEG75562-L15-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEG75562-L15-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEG75562-L15-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEG75562-L15-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEG75562-L15-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEG75562-L15-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
60 Seconds Max
0
Preheat
25°
2
°/sec
max
100
50
150
Time(sec)
Temp(
°C)
120°
260°
5
°/sec
max
260
°C3sec Max
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:2mm Min(From solder joint to body)
2.Wave Soldering Profile
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One Time)
Distance:2mm Min(From solder joint to body)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 5/6
PART NO. LSEG75562/L15-PF


Similar Part No. - LSEG75562-L15-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSEG75262-PF LIGITEK-LSEG75262-PF Datasheet
153Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEG75363-HV5-PF LIGITEK-LSEG75363-HV5-PF Datasheet
139Kb / 7P
   HIGH VOLTAGE LED LAMPS
LSEG75363-PF LIGITEK-LSEG75363-PF Datasheet
159Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEG75363/HV5-PF LIGITEK-LSEG75363/HV5-PF Datasheet
139Kb / 7P
   HIGH VOLTAGE LED LAMPS
LSEG75662-LTS-PF LIGITEK-LSEG75662-LTS-PF Datasheet
124Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results

Similar Description - LSEG75562-L15-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L9SE8G65562-PF LIGITEK-L9SE8G65562-PF Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
L2DBK2363 LIGITEK-L2DBK2363 Datasheet
111Kb / 6P
   BIPOLAR TYPE LED LAMPS
L2SBKS2363 LIGITEK-L2SBKS2363 Datasheet
108Kb / 6P
   BIPOLAR TYPE LED LAMPS
LHYS9UG42462-S2 LIGITEK-LHYS9UG42462-S2 Datasheet
118Kb / 6P
   BIPOLAR TYPE LED LAMPS
LII2660-PF LIGITEK-LII2660-PF Datasheet
112Kb / 6P
   BIPOLAR TYPE LED LAMPS
LHRFSBKS2363 LIGITEK-LHRFSBKS2363 Datasheet
121Kb / 7P
   BIPOLAR TYPE LED LAMPS
LHRFUG3362-PF-TRS-13 LIGITEK-LHRFUG3362-PF-TRS-13 Datasheet
169Kb / 8P
   BIPOLAR TYPE LED LAMPS
LHY9UG3362-R1-PF LIGITEK-LHY9UG3362-R1-PF Datasheet
150Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSBKS9UG35162 LIGITEK-LSBKS9UG35162 Datasheet
127Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEDBK3342-L1 LIGITEK-LSEDBK3342-L1 Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
LYG35162-PF LIGITEK-LYG35162-PF Datasheet
150Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com