Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSIR9033-TR1 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSIR9033-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSIR9033-TR1 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSIR9033-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSIR9033-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSIR9033-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSIR9033-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSIR9033-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSIR9033-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSIR9033-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSIR9033-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Spectral Line Half Width
Peak Emission Wavelength
Aperture Radiant Incidence
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The radiant intensity data did not including
±15% testing tolerance.
Absolute Maximum Ratings at Ta=25
Peak Forward Current
(300PPS,1
μs Pulse)
Storage Temperature
Operating Temperature
Soldering Temperature
Electrostatic Discharge
Electrical Optical Characteristics (Aa=25
)
Viewing Angle
Forward Voltage
Reverse Current
Radiant Intensity
PARAMETER
PART NO.
Reverse Voltage
Forward Current
Power Dissipation
Parameter
70
IF=20mA
100
IR
2
θ1/2
20
deg
VF
△λ
1.7
1.4
V
μA
nm
VR=5V
IF=20mA
mW/cm
mW/sr
λpeak
Ee
0.15
880
nm
0.3
Le
1.2
SYMBOL
Min.
2.0
Max.
Typ.
UNIT
IF=20mA
IF=20mA
2
IF=20mA
TEST CONDITION
Max 260
for 5 sec Max
(2mm from body)
Tsol
Tstg
-55 ~ +100
3/7
Page
5
Vr
ESD
Topr
2000
-55 ~ +100
IF
IFP
50
1
V
V
mA
A
PD
Symbol
100
SIR
Ratings
mW
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LSIR9033/TR1


Similar Part No. - LSIR9033-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSIR9033-TR3 LIGITEK-LSIR9033-TR3 Datasheet
109Kb / 8P
   SURFACE MOUNT LED TAPE AND REEL
More results

Similar Description - LSIR9033-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-WW-A02 LIGITEK-L3WK9Q53-T150-TR1-WW-A02 Datasheet
400Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LDGM9553-TR1-A01 LIGITEK-LDGM9553-TR1-A01 Datasheet
342Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LDUV9553Z-TR1 LIGITEK-LDUV9553Z-TR1 Datasheet
402Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
L3DGM5050-TR1 LIGITEK-L3DGM5050-TR1 Datasheet
258Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-CW-A01 LIGITEK-L3WK9Q53-T150-TR1-CW-A01 Datasheet
285Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-NW-A01 LIGITEK-L3WK9Q53-T150-TR1-NW-A01 Datasheet
417Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW LIGITEK-L3WK9Q53-TR1-P-WW Datasheet
234Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW-A01 LIGITEK-L3WK9Q53-TR1-P-WW-A01 Datasheet
232Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-WW LIGITEK-L3WK9Q53-TR1-WW Datasheet
406Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L9SEFWK9553 LIGITEK-L9SEFWK9553 Datasheet
352Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
LDBK9UG9553-R9-B01 LIGITEK-LDBK9UG9553-R9-B01 Datasheet
314Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com