Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSR2040-T Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LSR2040-T
Description  LOW CURRENT ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR2040-T Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSR2040-T Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR2040-T Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR2040-T Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR2040-T Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR2040-T Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSR2040-T Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
W
ITE
M
NO
.
Q'T
Y:
PC
S
N,W
,:
kgs
G,W
,:
kgs
3. 12 INNER BOXES / CARTON
SIZE : L X W X H 58.5cm X 34cm X 34cm
L
C/NO:
MADE IN CHINA
W
H
H
2. 8 BAG / INNER BOX
SIZE : L X W X H 33.5cm X 19cm X 7.5cm
1. 1000PCS / BAG
L
PACKING SPECIFICATION


Similar Part No. - LSR2040-T

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSR2040-1-T-PF-TBS-X LIGITEK-LSR2040-1-T-PF-TBS-X Datasheet
126Kb / 7P
   ROUND TYPE LED LAMPS
LSR2040-1/T-PF/TBS-X LIGITEK-LSR2040-1/T-PF/TBS-X Datasheet
126Kb / 7P
   ROUND TYPE LED LAMPS
LSR2040-P1-PF LIGITEK-LSR2040-P1-PF Datasheet
80Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LSR2040-PF LIGITEK-LSR2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Similar Description - LSR2040-T

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSR2640-T-PF LIGITEK-LSR2640-T-PF Datasheet
111Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LVY3331-T-PF LIGITEK-LVY3331-T-PF Datasheet
106Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LSR2640-1-T1-PF LIGITEK-LSR2640-1-T1-PF Datasheet
208Kb / 7P
   LOW CURRENT ROUND TYPE LED LAMPS
LSRF2640-1-T-PF LIGITEK-LSRF2640-1-T-PF Datasheet
111Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LUR3331-T-PF LIGITEK-LUR3331-T-PF Datasheet
106Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LVY3330-T LIGITEK-LVY3330-T Datasheet
92Kb / 5P
   LOW CURRENT ROUND TYPE LED LAMPS
LVG2040-T LIGITEK-LVG2040-T Datasheet
115Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LHR25230-T-PF LIGITEK-LHR25230-T-PF Datasheet
111Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LY3330-T-PF LIGITEK-LY3330-T-PF Datasheet
129Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LDBK3331-T LIGITEK-LDBK3331-T Datasheet
111Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LVG3330-T LIGITEK-LVG3330-T Datasheet
92Kb / 5P
   LOW CURRENT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com