Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSR3330-T Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LSR3330-T
Description  LOW CURRENT ROUND TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR3330-T Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSR3330-T Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR3330-T Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR3330-T Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR3330-T Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR3330-T Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solderability Test
This test intended to see soldering well
performed or not.
Reliability Test:
MIL-STD-883:1008
JIS C 7021: B-10
JIS C 7021: B-12
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Low Temperature
Storage Test
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
Thermal Shock Test
Solder Resistance
Test
High Temperature
High Humidity Test
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
The purpose of this test is the resistance
of the device under tropical for hous.
Test Condition
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
High Temperature
Storage Test
Test Item
Operating Life Test
The purpose of this is the resistance of
the device which is laid under ondition
of high temperature for hours.
Description
This test is conducted for the purpose
of detemining the resisance of a part
in electrical and themal stressed.
Reference
Standard
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LSR3330/T
Page 4/4


Similar Part No. - LSR3330-T

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSR3330-T-PF-TBS-X LIGITEK-LSR3330-T-PF-TBS-X Datasheet
130Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
More results

Similar Description - LSR3330-T

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSR2640-T-PF LIGITEK-LSR2640-T-PF Datasheet
111Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LVY3331-T-PF LIGITEK-LVY3331-T-PF Datasheet
106Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LSR2640-1-T1-PF LIGITEK-LSR2640-1-T1-PF Datasheet
208Kb / 7P
   LOW CURRENT ROUND TYPE LED LAMPS
LSRF2640-1-T-PF LIGITEK-LSRF2640-1-T-PF Datasheet
111Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LUR3331-T-PF LIGITEK-LUR3331-T-PF Datasheet
106Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LVY3330-T LIGITEK-LVY3330-T Datasheet
92Kb / 5P
   LOW CURRENT ROUND TYPE LED LAMPS
LVG2040-T LIGITEK-LVG2040-T Datasheet
115Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LHR25230-T-PF LIGITEK-LHR25230-T-PF Datasheet
111Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LY3330-T-PF LIGITEK-LY3330-T-PF Datasheet
129Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LDBK3331-T LIGITEK-LDBK3331-T Datasheet
111Kb / 6P
   LOW CURRENT ROUND TYPE LED LAMPS
LVG3330-T LIGITEK-LVG3330-T Datasheet
92Kb / 5P
   LOW CURRENT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com