Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSRF9UG42293-R1-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LSRF9UG42293-R1-PF
Description  DUAL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRF9UG42293-R1-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSRF9UG42293-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRF9UG42293-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRF9UG42293-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRF9UG42293-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRF9UG42293-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRF9UG42293-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRF9UG42293-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SRF
9UG
3
1
2
3.CATHODE RED
1.CATHODE GREEN
2.COMMON ANODE
0.5
TYP
5.2
4.0
3.0
3
2
2.54TYP
2.0MIN
1
2.54TYP
2.0MIN
6.7±0.5
4.2
1.5 MAX
18.0MIN
1/6
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO.
Package Dimensions
LSRF9UG42293/R1-PF
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
Directivity Radiation


Similar Part No. - LSRF9UG42293-R1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSRF9UG42293-P1-PF LIGITEK-LSRF9UG42293-P1-PF Datasheet
153Kb / 7P
   DUAL COLOR LED LAMPS
More results

Similar Description - LSRF9UG42293-R1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF9UG2692-R12-PF LIGITEK-LHRF9UG2692-R12-PF Datasheet
149Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG23092-P1 LIGITEK-LHRF9UG23092-P1 Datasheet
88Kb / 6P
   DUAL COLOR LED LAMPS
LHRF9UG42292-R1-PF LIGITEK-LHRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG42293-S14-PF LIGITEK-LHRF9UG42293-S14-PF Datasheet
113Kb / 7P
   DUAL COLOR LED LAMPS
LHY9UG34063-R1-PF LIGITEK-LHY9UG34063-R1-PF Datasheet
129Kb / 7P
   DUAL COLOR LED LAMPS
LSBKS9UG2093 LIGITEK-LSBKS9UG2093 Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRF9UG42292-R1-PF LIGITEK-LSRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBK2093-R1-PF LIGITEK-LSRFSBK2093-R1-PF Datasheet
161Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBKS3393-R1 LIGITEK-LSRFSBKS3393-R1 Datasheet
122Kb / 7P
   DUAL COLOR LED LAMPS
LSRFVG2092-R1 LIGITEK-LSRFVG2092-R1 Datasheet
110Kb / 6P
   DUAL COLOR LED LAMPS
LSRFVY3392-R1-PF LIGITEK-LSRFVY3392-R1-PF Datasheet
126Kb / 7P
   DUAL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com