Electronic Components Datasheet Search |
|
LSRF2640-1-T-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd. |
|
LSRF2640-1-T-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd. |
3 / 6 page Topr Operating Temperature -40 ~ +85 Note : 1.The forward voltage data did not including ±0.1V testing tolerance. 2. The luminous intensity data did not including ±15% testing tolerance. Typical Electrical & Optical Characteristics (Ta=25 ℃) Red MATERIAL PART NO LSRF2640-1/T-PF AlGaInP Storage Temperature Spectral halfwidth △λnm Forward voltage @2mA(V) Viewing angle 2 θ 1/2 (deg) Luminous intensity @2mA(mcd) Dominant wave length λDnm Red Diffused Emitted Lens 630 20 2.0 Max. 1.5 Min. 9.0 Min. 50 15 Typ. -40 ~ +100 COLOR Tstg ℃ ℃ Absolute Maximum Ratings at Ta=25 ℃ Electrostatic Discharge( * ) Forward Current Reverse Current @5V Peak Forward Current Duty 1/10@10KHz Power Dissipation Parameter Page 2/5 2000 Ratings IF ESD Ir PD IFP Symbol mA 30 10 75 90 μA V mA mW SRF UNIT LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic glove is recommended when handing these LED. All devices, equipment and machinery must be properly grounded. * PART NO. LSRF2640-1/T-PF |
Similar Part No. - LSRF2640-1-T-PF |
|
Similar Description - LSRF2640-1-T-PF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |