Electronic Components Datasheet Search |
|
LSRF9033-HH-TR2 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd. |
|
LSRF9033-HH-TR2 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd. |
4 / 8 page Topr Operating Temperature -40 ~ +85 Note : 1.The forward voltage data did not including ±0.1V testing tolerance. 2. The luminous intensity data did not including ±15% testing tolerance. Typical Electrical & Optical Characteristics (Ta=25 ℃) Red MATERIAL PART NO LSRF9033-HH/TR2 AlGaInP Storage Temperature Spectral halfwidth △λnm Forward voltage @20mA(V) Viewing angle 2 θ 1/2 (deg) Luminous intensity @20mA(mcd) Dominant wave length λDnm Water Clear Emitted Lens 630 20 2.4 Max. 1.5 Min. 200 Min. 20 500 Typ. -40 ~ +100 COLOR Tstg ℃ ℃ Absolute Maximum Ratings at Ta=25 ℃ Electrostatic Discharge( * ) Forward Current Reverse Current @5V Peak Forward Current Duty 1/10@10KHz Power Dissipation Parameter Page 3/7 2000 Ratings IF ESD Ir PD IFP Symbol mA 30 10 75 90 μA V mA mW SRF UNIT LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic glove is recommended when handing these LED. All devices, equipment and machinery must be properly grounded. * LSRF9033-HH/TR2 PART NO. |
Similar Part No. - LSRF9033-HH-TR2 |
|
Similar Description - LSRF9033-HH-TR2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |