Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSRSR3363 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSRSR3363
Description  BIPOLAR ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRSR3363 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSRSR3363 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRSR3363 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRSR3363 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRSR3363 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRSR3363 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRSR3363 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3.0
1.2
2.4
1.5
20
660
Red
GaAlAs
PART NO. LSRSR3363
Water Clear
20
20
660
Red
GaAlAs
Typ.
Max.
Min.
Min.
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@10mA(mcd)
3.0
2.4
1.5
1.2
COLOR
Lens
MATERIAL
Emitted
PART NO
LSRSR3363
Peak
wave
length
λPnm
2/5
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
mA
mA
μA
mW
30
100
Red
Ratings
10
Ir
-40 ~ +85
-40 ~ +100
100
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Parameter
Operating Temperature
Storage Temperature
Reverse Current @5V
Power Dissipation
Typical Electrical & Optical Characteristics (Ta=25
)
Symbol
Topr
Tstg
IF
PD
IFP
Absolute Maximum Ratings at Ta=25
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.


Similar Part No. - LSRSR3363

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSRSR3363-PF LIGITEK-LSRSR3363-PF Datasheet
111Kb / 6P
   BIPOLAR ROUND TYPE LED LAMPS
More results

Similar Description - LSRSR3363

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSRFSGM3362-R1 LIGITEK-LSRFSGM3362-R1 Datasheet
518Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LSRFUG3362-R1-PF LIGITEK-LSRFUG3362-R1-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LEG3363-PF LIGITEK-LEG3363-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LSRSR3363-PF LIGITEK-LSRSR3363-PF Datasheet
111Kb / 6P
   BIPOLAR ROUND TYPE LED LAMPS
LVYVG3363-PF LIGITEK-LVYVG3363-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LVYVY3360 LIGITEK-LVYVY3360 Datasheet
66Kb / 5P
   BIPOLAR ROUND TYPE LED LAMPS
LII3360-PF LIGITEK-LII3360-PF Datasheet
111Kb / 6P
   BIPOLAR ROUND TYPE LED LAMPS
LYG3363-PF LIGITEK-LYG3363-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
LURHUYH3363 LIGITEK-LURHUYH3363 Datasheet
109Kb / 6P
   BIPOLAR ROUND TYPE LED LAMPS
LURHUYH3363-PF LIGITEK-LURHUYH3363-PF Datasheet
125Kb / 7P
   BIPOLAR ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com