Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSSD205-6A-XX Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LSSD205-6A-XX
Description  SINGLE DIGIT SMD DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSSD205-6A-XX Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

Back Button LSSD205-6A-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSSD205-6A-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSSD205-6A-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSSD205-6A-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSSD205-6A-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSSD205-6A-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSSD205-6A-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSSD205-6A-XX Datasheet HTML 9Page - LIGITEK electronics co., ltd. LSSD205-6A-XX Datasheet HTML 10Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
28.6±0.5
13.5±0.5
2.5±0.2
LOT NO. : GS 1-96 0039
BIN/HUE : M
Q'TY(P CS) : 130 0 PCS
PART NO. : L SSD205A-20
立碁電子工業股份有限公司
LIGITEK ELECTRONICS CO., LTD.
330±2.0
99.5±1.5
24±0.5
11.1
24.0±0.3
11.5
Note : The tolerances unless mentioned is
±0.1mm,Angle ± 0.5. Unit=mm.
1300PCS / REEL
Package Dimensions
12.0
4.15
7.8
2.0±0.2
Carrier Type Dimensions
1.75
1.5
4.0
0.3
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page7/9
PART NO. LSSD205/6A-XX


Similar Part No. - LSSD205-6A-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSSD205-63H-XX LIGITEK-LSSD205-63H-XX Datasheet
143Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD205-66F-XX LIGITEK-LSSD205-66F-XX Datasheet
143Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD205-69-XX LIGITEK-LSSD205-69-XX Datasheet
144Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD205-6DBK-XX LIGITEK-LSSD205-6DBK-XX Datasheet
144Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD205-6DGL-XX LIGITEK-LSSD205-6DGL-XX Datasheet
143Kb / 10P
   SINGLE DIGIT SMD DISPLAY
More results

Similar Description - LSSD205-6A-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSSD205-6DBK-XX LIGITEK-LSSD205-6DBK-XX Datasheet
144Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD515-66F-XX LIGITEK-LSSD515-66F-XX Datasheet
407Kb / 8P
   Single DIGIT SMD DISPLAY
LSSD305-66F-XX LIGITEK-LSSD305-66F-XX Datasheet
337Kb / 8P
   SINGLE DIGIT SMD DISPLAY
LSSD315-6DBK-XX LIGITEK-LSSD315-6DBK-XX Datasheet
318Kb / 8P
   SINGLE DIGIT SMD DISPLAY
LSSD215-6DBK-XX LIGITEK-LSSD215-6DBK-XX Datasheet
360Kb / 8P
   SINGLE DIGIT SMD DISPLAY
LSSD205-6DGL-XX LIGITEK-LSSD205-6DGL-XX Datasheet
143Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD205-63H-XX LIGITEK-LSSD205-63H-XX Datasheet
143Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD215-66F-XX LIGITEK-LSSD215-66F-XX Datasheet
434Kb / 8P
   SINGLE DIGIT SMD DISPLAY
LSSD205-6DGM-XX LIGITEK-LSSD205-6DGM-XX Datasheet
144Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD515-63V-XX LIGITEK-LSSD515-63V-XX Datasheet
259Kb / 6P
   Single DIGIT SMD DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com