Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTD315-65-XX-RP4-PF Datasheet(PDF) 9 Page - LIGITEK electronics co., ltd.

Part # LTD315-65-XX-RP4-PF
Description  TRIPLE DIGIT LED DISPLAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LTD315-65-XX-RP4-PF Datasheet(HTML) 9 Page - LIGITEK electronics co., ltd.

  LTD315-65-XX-RP4-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LTD315-65-XX-RP4-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LTD315-65-XX-RP4-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LTD315-65-XX-RP4-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LTD315-65-XX-RP4-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LTD315-65-XX-RP4-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LTD315-65-XX-RP4-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LTD315-65-XX-RP4-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LTD315-65-XX-RP4-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
8/8
Page
Description
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
Test Condition
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Under Room Temperature
2.If=10mA
3.t=1000 hrs (-24hrs, +72hrs)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
JIS C 7021: B-12
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-883:1008
JIS C 7021: B-10
Reference
Standard
Reliability Test:
Low Temperature
Storage Test
High Temperature
Storage Test
Operating Life Test
Test Item
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this test is the resistance
of the device under tropical for hours.
This test intended to see soldering well
performed or not.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
Solderability Test
Solder Resistance
Test
High Temperature
High Humidity Test
Thermal Shock Test
LTD315/65-XX/RP4-PF
PART NO.


Similar Part No. - LTD315-65-XX-RP4-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LTD315-65-XX-RP12-PF LIGITEK-LTD315-65-XX-RP12-PF Datasheet
141Kb / 9P
   TRIPLE DIGIT LED DISPLAY
More results

Similar Description - LTD315-65-XX-RP4-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LTD205-62-XX-S1-PF LIGITEK-LTD205-62-XX-S1-PF Datasheet
142Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD425-6SBKS-XX-PF LIGITEK-LTD425-6SBKS-XX-PF Datasheet
146Kb / 10P
   TRIPLE DIGIT LED DISPLAY
LTD425-62-XX-PF LIGITEK-LTD425-62-XX-PF Datasheet
145Kb / 10P
   TRIPLE DIGIT LED DISPLAY
LTD315-61-XX-PF LIGITEK-LTD315-61-XX-PF Datasheet
146Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-63-XX-PF LIGITEK-LTD315-63-XX-PF Datasheet
142Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD415-64-XX-PF LIGITEK-LTD415-64-XX-PF Datasheet
143Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-62-XX-PF LIGITEK-LTD315-62-XX-PF Datasheet
142Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-63-XX-RP12-PF LIGITEK-LTD315-63-XX-RP12-PF Datasheet
141Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-65-XX-RP12-PF LIGITEK-LTD315-65-XX-RP12-PF Datasheet
141Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-66-XX-PF LIGITEK-LTD315-66-XX-PF Datasheet
143Kb / 9P
   TRIPLE DIGIT LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com