Electronic Components Datasheet Search |
|
LTV-4N26S-TAI Datasheet(PDF) 9 Page - Lite-On Technology Corporation |
|
LTV-4N26S-TAI Datasheet(HTML) 9 Page - Lite-On Technology Corporation |
9 / 9 page LITE-ON TECHNOLOGY CORPORATION Property of LITE-ON Only CHARACTERISTICS CURVES Fig.7 Collector-emitter Saturation Voltage vs. Fig.8 Collector Dark Current vs. Ambient Temperature Fig.9 Response Time vs. Load Resistance Fig.10 Frequency Response Fig.11 Collector-emitter Saturation Voltage vs. Forward Current 100 75 50 25 0 -55 0 0.1 -25 -55 -6 10 -7 10 -8 10 -9 10 -10 10 10 020 40 60 125 0 -20 0.5 1 2 5 10 20 50 100 6 5 4 3 2 1 0 0 5 10 15 20 25 Ta= 25 C R = 10k L 1k 100 V = 5V Ic= 2mA Ta= 25 C V = 10V Ambient Temperature 10 -12 -13 10 -15 -10 -5 5 200 500 0.3 0.2 -25 100 5 5 5 5 5 5 0.5 0.2 0.1 10 5 ts td tf tr Ta= 25 C Ic= 2mA V = 10V 2 1 0.5 0.2 0.1 0.05 1 2 5 10 20 50 100 20 50 30 7 Ambient temperature Ta ( C) Ambient temperature Ta ( C) Frequency f (kHz) 5 O O O O O Input Output Input Output Vcc td tr tf ts 90% 10% Output Vcc Test Circuit for Response Time Test Circuit for Frequency Response IF=50mA IC=2mA Load resistance RL(k ) Forward current IF(mA) RL RD RD RL Part No. : LTV-4N25 / 4N26 ( M, S, S-TA, S-TA1 ) Page : 9of 9 BNS-OD-C131/A4 |
Similar Part No. - LTV-4N26S-TAI |
|
Similar Description - LTV-4N26S-TAI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |