Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTD511-24-XX Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LTD511-24-XX
Description  TRIPLE DIGIT LED DISPLAY (0.56 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LTD511-24-XX Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LTD511-24-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LTD511-24-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LTD511-24-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LTD511-24-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LTD511-24-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LTD511-24-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LTD511-24-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LTD511-24-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Typ.
λP
(nm)
△λ
(nm)
Typ.
common
cathode
or anode
Max.
2.6
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Emitted
Orange
LTD5124-XX
LTD5114-XX
GaAsP/GaP
Material
Common
Anode
Common
Cathode
635
1.7
45
2.1
Min.
4.0
2.35
2:1
Min.
Electrical
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
Part Selection And Application Information(Ratings at 25)
PART NO
CHIP
Vf(v)
Operating Temperature
Storage Temperature
Tstg
Topr
-25 ~ +85
-25 ~ +85
Iv(mcd)
IV-M
5/8
Page
Power Dissipation Per Chip
Reverse Current Per Any Chip
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Forward Current Per Chip
Ir
PD
10
100
IFP
IF
120
30
Absolute Maximum Ratings at Ta=25
Parameter
Symbol
E
Ratings
μA
mW
mA
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LTD511/24-XX
PART NO.


Similar Part No. - LTD511-24-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LTD511-24V-XX-RP9 LIGITEK-LTD511-24V-XX-RP9 Datasheet
127Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
More results

Similar Description - LTD511-24-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LTD511-22-XX LIGITEK-LTD511-22-XX Datasheet
128Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD521-22V-XX-PF LIGITEK-LTD521-22V-XX-PF Datasheet
149Kb / 10P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD595-65-XX LIGITEK-LTD595-65-XX Datasheet
160Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD511-21-XX LIGITEK-LTD511-21-XX Datasheet
141Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD521-25-XX-PF LIGITEK-LTD521-25-XX-PF Datasheet
148Kb / 10P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD511-24V-XX-RP9 LIGITEK-LTD511-24V-XX-RP9 Datasheet
127Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD511-25-XX LIGITEK-LTD511-25-XX Datasheet
131Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD511-25-XX-RP65-PF LIGITEK-LTD511-25-XX-RP65-PF Datasheet
144Kb / 9P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD521-2SBKS-XX-PF LIGITEK-LTD521-2SBKS-XX-PF Datasheet
145Kb / 10P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD511-25-XX-RP105-PF LIGITEK-LTD511-25-XX-RP105-PF Datasheet
144Kb / 9P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD595-62-XX LIGITEK-LTD595-62-XX Datasheet
163Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com