Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1096 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # S1096
Description  T1/E1/CEPT/ISDN-PRI TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

S1096 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  S1096 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Prepared :Qingli Wu
Approved: Xu Wenbing
Date :20001/01/30
Drawing no.: ISDN Transformer
REV.: A1
Page : 1/1
T1/E1/CEPT/ISDN-PRI TRANSFORMER
P/N: S1096 DATA SHEET
A. General Specifications:
1. Dual SMT package contains both transmit and receive transformers
2. Common footprint and pinout with a choice of operating temperature ranges
3. Models matched to leading transceiver ICs
4. IC grade transfer-molded package withstands 235
0C IR reflow
5. Patented interlock base construction for high reliability
6. Operating temperature range : -40
0C to +850C
B. Electrical specifications @ 25
0C
1. Turn Ratio(PRI:SEC±5%) : 1CT:1.41CT &1CT:1.41CT
2. OCL: 1.0mH Min & 1.0mH Min
3. L.L : 0.6 µH Max & 0.6 µH Max
4. Cw/w : 30pF Max & 30pF Max
5. DCR Pri : 0.70 ΩMax & 0.70 ΩMax
6. DCR Sec : 0.90 ΩMax & 0.90 ΩMax
7. Primary Pins : 1-3, 11-9
8. HI-POT : 1500 Vrms.
C. Schematics & Mechanical :


Similar Part No. - S1096

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S109 SSOUSA-S109 Datasheet
247Kb / 8P
   Zero-Volt Cross Switching
S109-X SSOUSA-S109-X Datasheet
275Kb / 8P
   Zero-Volt Cross Switching
logo
Hamamatsu Corporation
S10917-35GT HAMAMATSU-S10917-35GT Datasheet
254Kb / 11P
   Digital color sensor
S10917-35GT HAMAMATSU-S10917-35GT_15 Datasheet
265Kb / 4P
   RGB color sensor integrated in small and thin package
S10942-01CT HAMAMATSU-S10942-01CT Datasheet
254Kb / 11P
   Digital color sensor
More results

Similar Description - S1096

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S1312 BOTHHAND-S1312 Datasheet
71Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
S1313 BOTHHAND-S1313 Datasheet
77Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1064 BOTHHAND-4S1064 Datasheet
78Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1071 BOTHHAND-4S1071 Datasheet
82Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1073 BOTHHAND-4S1073 Datasheet
76Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1126 BOTHHAND-4S1126 Datasheet
85Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1142 BOTHHAND-4S1142 Datasheet
65Kb / 1P
   T1/CEPT/E1/ISDN-PRI TRANSFORMER
S1035 BOTHHAND-S1035 Datasheet
56Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1124 BOTHHAND-4S1124 Datasheet
66Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1473M BOTHHAND-4S1473M Datasheet
101Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com