Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP9715D Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # SP9715D
Description  10~15 Watts Switching Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SP9715D Datasheet(HTML) 1 Page - Bothhand USA, LP.

  SP9715D Datasheet HTML 1Page - Bothhand USA, LP. SP9715D Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
SP9715
Series
10~15 Watts Switching Adapter
FEATURES
●Cispr 22’B’, Vcci’B’, Fcc’B’ Compliance
●Light Weight: 140g only
●Efficiency 67%~77%
●Over-Voltage Protective Installation
●Short-circuit Protective Installation
●Protection Type: Auto-Recover
●Operating Temperature 0℃~40℃
SPECIFICATION
Model
Item
SP9715
*SP9715A
*SP9715B
SP9715C
SP9715D
Output Voltage
5V
6V
9V
12V
15V
Output Current
2.0A
1.8A
1.5A
1.2A
1.0A
Input Voltage
AC 90~264V
AC 90~132V or 180~264V
Input Frequency
47~63Hz
Input Current
0.3A or 0.6A Maximum
Inrush Current
30A Maximum
Line Regulation
2% Maximum
Load Regulation
± 5%
Ripple & Noise
1% Maximum
Efficiency
67% Typical
69% Typical
72% Typical
76% Typical
77% Typical
Temperature Coefficient
0.05%/℃
Over-Voltage Protection
10V Maximum
12V Maximum
18V Maximum
24V Maximum
30V Maximum
Operating Temperature
0~40℃
Storage Temperature
-20~85℃
Fig. A
UL, CUL, CE, PSE
---
---
UL, CUL, CB, LPS, CE,
BSMI, PSE
UL, CUL, CB, LPS, CE,
BSMI, PSE
Fig. B
CE
---
---
RCM, CB, LPS, CE, BSMI
CE
Fig. C
BSI, CE
---
---
BSI, CB, LPS, CE, BSMI
CE
Fig. D
TUV, CB, CE
---
---
TUV, CB, LPS, CE, BSMI
TUV, CB, LPS, CE, BSMI
Safety Description
Fig. E
---
---
---
---
---
(*): Under Development
(I/P): In Process


Similar Part No. - SP9715D

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
SP9718 STANSON-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
SYNC POWER Crop.
SP9718 SYNC-POWER-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
More results

Similar Description - SP9715D

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SA01H12 BOTHHAND-SA01H12 Datasheet
50Kb / 2P
   15 Watts Switching Adapter
SA023V3 BOTHHAND-SA023V3 Datasheet
53Kb / 2P
   6~15 Watts Switching Adapter
SA06L3V3 BOTHHAND-SA06L3V3 Datasheet
46Kb / 2P
   6~15 Watts Switching Adapter
A1-15S05 BOTHHAND-A1-15S05 Datasheet
46Kb / 2P
   15~18 Watts Switching Adapter
M1-7S03 BOTHHAND-M1-7S03 Datasheet
51Kb / 2P
   7~10 Watts Switching Adapter
M2-10US05 BOTHHAND-M2-10US05 Datasheet
255Kb / 2P
   10-15 Watt Switching Adapter
logo
Astec America, Inc
AA10C ASTEC-AA10C Datasheet
1Mb / 2P
   10/15 Watts
logo
Bothhand USA, LP.
SA06H12 BOTHHAND-SA06H12 Datasheet
41Kb / 2P
   30 Watts Switching Adapter
EA1060C BOTHHAND-EA1060C Datasheet
40Kb / 2P
   36 Watts Switching Adapter
SA0612 BOTHHAND-SA0612 Datasheet
43Kb / 2P
   20 Watts Switching Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com