Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP9920 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # SP9920
Description  9.9 Watts Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SP9920 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  SP9920 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
MECHANICAL
OUTPUTS
SP9920
Series
9.9 Watts Switching Power Supply
FEATURES
●Compact Size
●90-264Vac Universal Input
●CISPR’B’ & CNS‘B’ Compliance
●100% Burn-In Test
●Over Voltage Protection Installation
●Short-Circuit Protection Installation
●Protection Type: Auto-Recovery
SPECIFICATION
Model
Item
SP9920
Input Voltage
AC 90~264V
Input Frequency
47~63Hz
Efficiency
65% Typical
Operating Temperature
0~50℃
Storage Temperature
-20~85℃
Weight
75g (without AC Cord)
Safety Description
UL, CUL, S-Mark
(*): Under Development
(I/P): In Process
Model No.
SP9920
Vo
+3.3V
Min
0A
Rated
3A
Load
Surge
---
Line
1%
Regulation
Load
3%
Tolerance
+/-3%
Ripple
Noise
50mV


Similar Part No. - SP9920

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SP9926 BOTHHAND-SP9926 Datasheet
45Kb / 1P
   8.6 Watts Switching Power Supply
SP9927 BOTHHAND-SP9927 Datasheet
49Kb / 1P
   30 Watts Switching Power Supply
SP9927A BOTHHAND-SP9927A Datasheet
49Kb / 1P
   30 Watts Switching Power Supply
More results

Similar Description - SP9920

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SP9801 BOTHHAND-SP9801 Datasheet
50Kb / 1P
   15 Watts Switching Power Supply
SP9926 BOTHHAND-SP9926 Datasheet
45Kb / 1P
   8.6 Watts Switching Power Supply
T60-9313 BOTHHAND-T60-9313 Datasheet
45Kb / 1P
   60 Watts Switching Power Supply
SP20112 BOTHHAND-SP20112 Datasheet
44Kb / 1P
   60 Watts Switching Power Supply
SP9908 BOTHHAND-SP9908 Datasheet
49Kb / 1P
   39 Watts Switching Power Supply
SP9919 BOTHHAND-SP9919 Datasheet
48Kb / 1P
   25 Watts Switching Power Supply
T40-9311 BOTHHAND-T40-9311 Datasheet
45Kb / 1P
   43 Watts Switching Power Supply
SP9927 BOTHHAND-SP9927 Datasheet
49Kb / 1P
   30 Watts Switching Power Supply
SP20108 BOTHHAND-SP20108 Datasheet
44Kb / 1P
   6.6 Watts Switching Power Supply
logo
Emerson Network Power
DCH2 EMERSON-NETWORKPOWER-DCH2 Datasheet
839Kb / 3P
   Switching wallmount power supply 2 Watts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com