Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTD521-22-XX-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LTD521-22-XX-PF
Description  LTD521-22-XX-PF
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LTD521-22-XX-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

Back Button LTD521-22-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LTD521-22-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LTD521-22-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LTD521-22-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LTD521-22-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LTD521-22-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LTD521-22-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LTD521-22-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. LTD521-22-XX-PF Datasheet HTML 10Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
5/9
Page
UNIT
mA
mA
μA
IV-M
Iv(mcd)
mW
2:1
Min.
1.75
Typ.
3.05
3.05
1.75
2:1
30
G
120
Ratings
IF
Parameter
Symbol
IFP
10
-25 ~ +85
-25 ~ +85
Vf(v)
Ir
CHIP
Topr
Tstg
100
PD
Forward Current Per Chip
Operating Temperature
Power Dissipation Per Chip
Reverse Current Per Any Chip
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Absolute Maximum Ratings at Ta=25
Storage Temperature
PART NO
Max.
2.6
Min.
1.7
Typ.
2.1
2.6
2.1
1.7
30
565
30
565
Emitted
Green
Green
GaP
GaP
Material
Common
Cathode
Common
Anode
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LTD5222-XX-PF
LTD5212-XX-PF
△λ
(nm)
λP
(nm)
common
cathode
or anode
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Electrical
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
Part Selection And Application Information(Ratings at 25)
LTD521/22-XX-PF
PART NO.


Similar Part No. - LTD521-22-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LTD521-22V-XX-PF LIGITEK-LTD521-22V-XX-PF Datasheet
149Kb / 10P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
More results

Similar Description - LTD521-22-XX-PF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437661-8 MACOM-2-1437661-8 Datasheet
34Kb / 1P
   TC6-XX-PF TERMINAL BOCK COVER
logo
MRV Communications, Inc...
SFP-O3-M MRV-SFP-O3-M Datasheet
49Kb / 2P
   OC-xx/STM-xx SFP Interfaces
logo
Samtec, Inc
EHF-1XX-01-X-D-XX-XX-XX SAMTEC-EHF-1XX-01-X-D-XX-XX-XX Datasheet
248Kb / 2P
   Recommended PCB Layout For EHF-1XX-01-X-D-XX-XX-XX
Rev. A
logo
Adam Technologies, Inc.
MHF-XX-SGS ADAM-TECH-MHF-XX-SGS Datasheet
111Kb / 1P
   XX POSITION HEADER
logo
MicroPower Direct, LLC
LD48W MPD-LD48W Datasheet
639Kb / 4P
   LD48-xx-xxW
logo
Tyco Electronics
2-1437653-5 MACOM-2-1437653-5 Datasheet
309Kb / 2P
   6PCV-XX-006
logo
MicroPower Direct, LLC
SRS-05A MPD-SRS-05A Datasheet
589Kb / 4P
   SRS05A-xx SERIES
logo
JFW Industries, Inc.
50S-1360-XX JFW-50S-1360-XX Datasheet
31Kb / 2P
   50S-1360-XX
logo
MicroPower Direct, LLC
LDM12 MPD-LDM12 Datasheet
590Kb / 2P
   LDM12-xx-xxx
logo
Winchester Electronics ...
20906 WINCHESTER-20906 Datasheet
165Kb / 1P
   COMPSITE OUTLINE ASSY SREC xx PJ SREC xx PJ-859
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com