Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5389R Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # S5389R
Description  T1/CEPT/ISDN-PRI TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

S5389R Datasheet(HTML) 1 Page - Bothhand USA, LP.

  S5389R Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Prepared : Qingli Wu
Approved: Xuwenbing
Date : 2001/02/19
Drawing no.: ISDN Transformer
REV.: A0
Page : 1/1
T1/CEPT/ISDN-PRI TRANSFORMER
P/N: S5389R DATA SHEET
A. General Specifications:
1. Extended and standard temperature range models
2. Dual and single through hole models available.
3. Models matched to leading transceiver ICS.
B. Electrical Specifications@25°C
1. Turn Ratio(PRI:SEC ±5%) : PIN2-6:1-3=1:1, PIN2-6:1-5=1:1.26
2. OCL: 1.5 mH Min @100KHz/0.2Vrms.
3. Cw/w: 40 pF Max
4. L.L: 0.40 µH Max@100KHz/0.2Vrms
5. DCR(pri) : 0.7 Ω Max
6. DCR(sec) : 0.9 Ω Max
7. Primary Pins : 2-6
8. .Isolation HI-POT : 1500 Vrms
C. Schematic & Mechanical :


Similar Part No. - S5389R

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S5389 BOTHHAND-S5389 Datasheet
246Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
More results

Similar Description - S5389R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S559-6400-00 BEL-S559-6400-00 Datasheet
59Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
List of Unclassifed Man...
LT-1625S ETC1-LT-1625S Datasheet
26Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
Bourns Electronic Solut...
SM74120 BOURNS-SM74120 Datasheet
180Kb / 1P
   T1/CEPT/ISDN-PRI Transformer
PT74263N BOURNS-PT74263N Datasheet
138Kb / 1P
   T1/CEPT/ISDN-PRI Transformer
logo
Bothhand USA, LP.
S5861M BOTHHAND-S5861M Datasheet
73Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S4993S BOTHHAND-S4993S Datasheet
53Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S4995B BOTHHAND-S4995B Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S5835 BOTHHAND-S5835 Datasheet
21Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S8887 BOTHHAND-S8887 Datasheet
68Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S1308M BOTHHAND-S1308M Datasheet
75Kb / 1P
   T1/ CEPT/ISDN-PRI TRANSFORMER
S4545 BOTHHAND-S4545 Datasheet
267Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com