Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTV827S-V Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTV827S-V
Description  Property of Lite-On Only
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV827S-V Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTV827S-V Datasheet HTML 1Page - Lite-On Technology Corporation LTV827S-V Datasheet HTML 2Page - Lite-On Technology Corporation LTV827S-V Datasheet HTML 3Page - Lite-On Technology Corporation LTV827S-V Datasheet HTML 4Page - Lite-On Technology Corporation LTV827S-V Datasheet HTML 5Page - Lite-On Technology Corporation LTV827S-V Datasheet HTML 6Page - Lite-On Technology Corporation LTV827S-V Datasheet HTML 7Page - Lite-On Technology Corporation LTV827S-V Datasheet HTML 8Page - Lite-On Technology Corporation LTV827S-V Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
L I T E - ON T E C HNOL OGY CORPORAT I O N
Property of LITE-ON Only
FEATURES
1. This specification shall be applied to photocoupler. Model No. LTV-817 as an option.
2. Applicable Models (Business dealing name)
* Dual-in-line package :
LTV817-V : 1-channel type / LTV827-V : 2-channel type /
LTV847-V : 4-channel type
* Wide lead spacing package :
LTV817M-V : 1-channel type / LTV827M-V : 2-channel type /
LTV847M-V : 4-channel type
* Surface mounting package :
LTV817S-V : 1-channel type / LTV827S-V : 2-channel type /
LTV847S-V : 4-channel type
* Tape and reel packaging :
LTV817STA1-V, LTV827STA1-V
3. The relevant models are the models Approved by VDE
according to DIN VDE 0884:1992-06
Approved Model No.: LTV-817 / LTV-827 / LTV-847 / LTV-817M / LTV-827M /
LTV-847M / LTV-817S / LTV-827S / LTV-847S
VDE approved No.: 094722
(According to the specification DIN VDE 0884:1992-06)
* Operating isolation voltage VIORM : 850V (Peak)
* Transient voltage VTR : 6000V (Peak)
* Pollution : 2 (According to VDE 0110-1 : 1997-04)
* Clearances distance (Between input and output) : 7.0mm (MIN.)
* Creepage distance (Between input and output) : 7.0mm (MIN.)
* Isolation thickness between input and output : 0.4mm (MIN.)
* Safety limit values Current (Isi) : 400mA (Diode side)
Power (Psi) : 700mW (Phototransistor side)
Temperature(Tsi) : 175
oC
In order to keep safety electric isolation of photocoupler, please set the protective
circuit to keep within safety limit values when the actual application equipment
troubled.
* Indication of VDE 0884 approval prints "
4" for 4-pin and "
" for 8 & 16 pin on sleeve
package.
Part No. : LTV817 / 827 / 847 (M, S, STA1) -V
Page : 1
of
15
BNS-OD-C131/A4


Similar Part No. - LTV827S-V

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV827S-V TENAND-LTV827S-V Datasheet
1Mb / 5P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV827S-V LITEON-LTV827S-V Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
More results

Similar Description - LTV827S-V

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com