Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUR2643H-1 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LUR2643H-1
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUR2643H-1 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LUR2643H-1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUR2643H-1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUR2643H-1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUR2643H-1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUR2643H-1 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
630
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
Dominant
wave
length
λDnm
Typical Electrical & Optical Characteristics (Ta=25 )
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2. The luminous intensity data did not including ±15% testing tolerance.
Tstg
Storage Temperature
PART NO
MATERIAL
LUR2643H-1
Emitted
AlGaInP/GaP Red
Water Clear
Lens
COLOR
Soldering Temperature
Tsol
PART NO. LUR2643H-1
IF
Forward Current
Operating Temperature
Reverse Current @5V
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Topr
Ir
PD
IFP
Parameter
Symbol
-40 ~ +100
Luminous
intensity
@20mA(mcd)
Viewing
angle
2θ 1/2
(deg)
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λ
nm
20
2.6
1.7
Min. Max.
1800
900
50
Min. Typ.
Max 260for 5 sec Max
(2mm from body)
Page 2/4
50
mA
-40 ~ +85
10
μA
130
100
mA
mW
UR(H)
Ratings
UNIT


Similar Part No. - LUR2643H-1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUR2643H LIGITEK-LUR2643H Datasheet
71Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Similar Description - LUR2643H-1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG3833-PF LIGITEK-L9UG3833-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG42241-PF LIGITEK-L9UG42241-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L10URF3333S LIGITEK-L10URF3333S Datasheet
224Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF2043-PF LIGITEK-LURF2043-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF13440S-PF LIGITEK-LURF13440S-PF Datasheet
118Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF3333S LIGITEK-LURF3333S Datasheet
67Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13741-PF LIGITEK-LVG13741-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13743-PF LIGITEK-LVG13743-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com