Electronic Components Datasheet Search |
|
LUR9553-4H-TR1 Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd. |
|
LUR9553-4H-TR1 Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd. |
8 / 8 page MIL-STD-202F: 208D MIL-STD-750D: 2026 MIL-STD-883D: 2003 IEC 68 Part 2-20 JIS C 7021: A-2 1.T.Sol=235 ℃±5℃ 2.Immersion time 2 ±0.5sec 3.Coverage ≧95% of the dipped surface Ramp-up rate(217 to Peak) +3 second max ℃℃ Temp. maintain at 175( ±25) 180 seconds max ℃ Temp. maintain above 217 60-150 seconds ℃ Peak temperature range 260 +5/-0 ℃℃ Time within 5 of actual Peak Temperature(tp) ℃ 10-30 seconds Ramp-down rate +6 ℃/second max Environmental Test IR Reflow 1.105 ℃ ~ 25℃ ~ -55℃ ~ 25℃ 30mins 5mins 30mins 5mins 2.10 Cyeles Temperature Cycling MIL-STD-750D:2031.2 J-STD-020B MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1010 JIS C 7021: A-4 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only 1.Ta=Under Room Temperature As Per Data Sheet Maximum Rating. 2.If=50mA 3.t=1000 hrs (-24hrs, +72hrs) High Temperature High Humidity Storage Test Thermal Shock Test 1.Ta=105 ℃±5℃&-40℃±5℃ (30min) (30min) 2.total 100 cycles Solderability Test 1.Ta=65 ℃±5℃ 2.RH=90 %~95% 3.t=240hrs ±2hrs Low Temperature Storage Test High Temperature Storage Test Endurance Test 1.Ta=-40 ℃±5℃ 2.t=1000 hrs (-24hrs, +72hrs) 1.Ta=100 ℃±5℃ 2.t=1000 hrs (-24hrs, +72hrs) Operating Life Test Classification Reliability Test: Test Item Test Condition MIL-STD-750D: 1026 MIL-STD-883D: 1005 JIS C 7021: B-1 MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1011 MIL-STD-202F:103B JIS C 7021: B-11 JIS C 7021: B-12 MIL-STD-883D:1008 JIS C 7021: B-10 Reference Standard Page 7/7 PART NO. LUR9553-4H/TR1 |
Similar Part No. - LUR9553-4H-TR1 |
|
Similar Description - LUR9553-4H-TR1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |