Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUR9653H-30D-WJ Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LUR9653H-30D-WJ
Description  SQUARE WITH 4LEADS TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUR9653H-30D-WJ Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LUR9653H-30D-WJ Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUR9653H-30D-WJ Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUR9653H-30D-WJ Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUR9653H-30D-WJ Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUR9653H-30D-WJ Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUR9653H-30D-WJ Datasheet HTML 6Page - LIGITEK electronics co., ltd. LUR9653H-30D-WJ Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Fig.4 Relative Intensity vs. Temperature
3.0
2.5
2.0
1.5
0.5
1.0
0.0
1.0
Wavelength (nm)
550
0.0
0.5
600
650
700
Fig.3 Forward Voltage vs. Temperature
0
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
)
-40
0.8
-20
1.0
0.9
1.1
1.2
80
40
20
60
100
Ambient Temperature(
)
-20
-40
20
0
60
40
80
100
3.0
2.0
1.0
1.5
2.5
Fig.2 Relative Intensity vs. Forward Current
Typical Electro-Optical Characteristics Curve
0.5
0.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
1.0
0 1
1.5
10
1
100
UR(H) CHIP
1000
2.0
2.5
3.0
4/6
Page
Forward Current(mA)
1
10
100
1000
3.5
PART NO. LUR9653H-30D-WJ


Similar Part No. - LUR9653H-30D-WJ

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUR9653H-30D-S4 LIGITEK-LUR9653H-30D-S4 Datasheet
113Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
More results

Similar Description - LUR9653H-30D-WJ

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L12UY9653R-30B-AM LIGITEK-L12UY9653R-30B-AM Datasheet
111Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LURF9653-30B LIGITEK-LURF9653-30B Datasheet
126Kb / 7P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LURF9653S-30B LIGITEK-LURF9653S-30B Datasheet
111Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LDBK9653-00 LIGITEK-LDBK9653-00 Datasheet
126Kb / 7P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUY9653H-30B LIGITEK-LUY9653H-30B Datasheet
112Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUY9653H-50A LIGITEK-LUY9653H-50A Datasheet
113Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LDGM9653Z-30B LIGITEK-LDGM9653Z-30B Datasheet
112Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
L20URF9653S-50D-AM LIGITEK-L20URF9653S-50D-AM Datasheet
113Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUES9653-30C LIGITEK-LUES9653-30C Datasheet
107Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUR9653H-00 LIGITEK-LUR9653H-00 Datasheet
143Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUR9653H-30B-WJ LIGITEK-LUR9653H-30B-WJ Datasheet
92Kb / 7P
   SQUARE WITH 4LEADS TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com