Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10125L Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC10125L
Description  Quad MECL to TTL Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10125L Datasheet(HTML) 4 Page - Motorola, Inc

  MC10125L Datasheet HTML 1Page - Motorola, Inc MC10125L Datasheet HTML 2Page - Motorola, Inc MC10125L Datasheet HTML 3Page - Motorola, Inc MC10125L Datasheet HTML 4Page - Motorola, Inc MC10125L Datasheet HTML 5Page - Motorola, Inc MC10125L Datasheet HTML 6Page - Motorola, Inc MC10125L Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC10125
MOTOROLA
MECL Data
DL122 — Rev 6
3–92
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHH
VILH
VBB
VCC
VEE
–30
°C –1.890 –2.890
From
+5.0
–5.2
+25
°C –1.810 –2.850
From
Pin
1
+5.0
–5.2
+85
°C –1.700 –2.825
1
+5.0
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
Gd
Output
Characteristic
Symbol
Under
Test
VIHH
VILH
VBB
VCC
VEE
Gnd
Output
Condition
Negative Power Supply
Drain Current
IE
8
3,7,11,15
9
8
16
Positive Power Supply
Di C
t
ICCH
9
3,7,11,15
9
8
16
pp y
Drain Current
ICCL
9
3,7,11,15
9
8
16
Input Current
IinH1
2
3,7,11,15
9
8
16
Input Leakage Current
ICBO
2
3,7,11,15
9
2,6,8,10,14
16
High Output Voltage
VOH
4
3,7,11,15
9
8
16
–2.0mA
Low Output Voltage
VOL
4
3,7,11,15
9
8
16
20mA
High Threshold Voltage
VOHA
4
3,7,11,15
9
8
16
–2.0mA
Low Threshold Voltage
VOLA
4
3,7,11,15
9
8
16
20mA
Indeterminate Input
Protection Tests
VOLS1
4
9
2,3,6,7,8,
10,11,14,15
16
20mA
VOLS2
4
9
8
16
20mA
Short Circuit Current
IOS
4
3,7,11,15
9
8
4, 16
Reference Voltage
VBB
1
3,7,11,15
Common Mode Rejection Tests
VOH
4
4
3
2
9
9
8
8
16
16
–2.0mA
–2.0mA
VOL
4
4
2
3
9
9
8
8
16
16
20mA
20mA
Switching Times
(50
Ω Load)
Propagation Delay
(50% to +1.5Vdc)
t6+5–
t6–5+
t2+4–
t2–4+
5
5
4
4
3,7,11,15
3,7,11,15
3,7,11,15
3,7,11,15
9
9
9
9
8
8
8
8
16
16
16
16
Rise Time
(+1.0V to 2.0V)
t4+
4
3,7,11,15
9
8
16
Fall Time
(+1.0V to 2.0V)
t4–
4
3,7,11,15
9
8
16
1. Individually test each output, apply VIHmax to pin under test.
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50-ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Similar Part No. - MC10125L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10125L ONSEMI-MC10125L Datasheet
118Kb / 8P
   Quad MECL to TTL Translator
January, 2002 ??Rev. 7
More results

Similar Description - MC10125L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10524 MOTOROLA-MC10524 Datasheet
656Kb / 10P
   Quad TTL-to-MECL Translator
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125 Datasheet
78Kb / 8P
   Quad MECL-to-TTL Translator
May, 2003 - Rev. 11
MC10125 ONSEMI-MC10125 Datasheet
118Kb / 8P
   Quad MECL to TTL Translator
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC10525 MOTOROLA-MC10525 Datasheet
872Kb / 12P
   Quad MECL-to-TTL Translator
logo
ON Semiconductor
MC10124 ONSEMI-MC10124 Datasheet
125Kb / 7P
   Quad TTL to MECL Translator
1996 REV 5
MC10124 ONSEMI-MC10124_02 Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10H124 ONSEMI-MC10H124 Datasheet
79Kb / 6P
   Quad TTL-to-MECL Translator With TTL Strobe Input
September, 2004 ??Rev. 8
MC10H125 ONSEMI-MC10H125_06 Datasheet
156Kb / 8P
   Quad MECL?뭪o?뭈TL Translator
February, 2006 ??Rev. 12
MC10H125 ONSEMI-MC10H125_16 Datasheet
149Kb / 6P
   Quad MECL?릘o?륳TL Translator
August, 2016 ??Rev. 14
logo
National Semiconductor ...
DS75365 NSC-DS75365 Datasheet
186Kb / 8P
   Quad TTL-to-MOS Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com