Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3602 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # HSDL-3602
Description  IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3602 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  HSDL-3602 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
HSDL-3602
IrDA® Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
Data Sheet
Description
The HSDL-3602 is a low profile infrared transceiver mod-
ule that provides interface between logic and IR signals
for through-air, serial, half-duplex IR data link. The mod-
ule is compliant to IrDA Data Physical Layer Specifica-
tions 1.4 and IEC825-Class 1 Eye Safety Standard.
The HSDL-3602 contains a high-speed and high-effi-
ciency 870 nm LED, a silicon PIN diode, and an integrat-
ed circuit. The IC contains an LED driver and a receiver
providing a single output (RXD) for all data rates sup-
ported.
Applications
• Digital imaging
— Digital still cameras
— Photo-imaging printers
• Data communication
— Notebook computers
— Desktop PCs
— Win CE handheld products
— Personal Digital Assistants (PDAs)
— Printers
— Fax machines, photocopiers
— Screen projectors
— Auto PCs
— Dongles
— Set-top box
• Telecommunication products
— Cellular phones
— Pagers
• Small industrial and medical instrumentation
— General data collection devices
— Patient and pharmaceutical data collection
devices
• IR LANs
HSDL-3602 Functional block diagram
Features
• Fully compliant to IrDA 1.1 specifications:
— 9.6 kb/s to 4 Mb/s operation
— Excellent nose-to-nose operation
• Typical link distance > 1.5 m
• IEC825-Class 1 eye safe
• Wide operating voltage range — 2.7 V to 3.6 V
• Small module size — 4.0 x 12.2 x 4.9 mm (H x W x D)
• Complete shutdown — TXD, RXD, PIN diode
• Low shutdown current — 10 nA typical
• Adjustable optical power management — Adjust-
able LED drive-current to maintain link integrity
• Single Rx data output — FIR select pin switch to FIR
• Integrated EMI shield — Excellent noise immunity
• Edge detection input — Prevents the LED from long
turn-on time
• Interface to various super I/O and controller devices
• Designed to accommodate light loss with cosmetic
window
• Only 2 external components are required
• Lead free package
TXD (9)
MD0 (4)
MD1 (5)
RXD (8)
FIR_SEL (3)
GND (7)
AGND (2)
VCC (1)
R1
VCC
SP
HSDL-3602
CX1
CX2
LEDA (10)
Pb-free and EU RoHS compliant


Similar Part No. - HSDL-3602

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3602-007 AVAGO-HSDL-3602-007 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3602-007 HP-HSDL-3602-007 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602-008 AVAGO-HSDL-3602-008 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3602-037 AVAGO-HSDL-3602-037 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results

Similar Description - HSDL-3602

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3602 HP-HSDL3602 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com