Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NU1S114A-XXX Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # NU1S114A-XXX
Description  SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS & XLEDs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

NU1S114A-XXX Datasheet(HTML) 1 Page - Bothhand USA, LP.

  NU1S114A-XXX Datasheet HTML 1Page - Bothhand USA, LP. NU1S114A-XXX Datasheet HTML 2Page - Bothhand USA, LP. NU1S114A-XXX Datasheet HTML 3Page - Bothhand USA, LP. NU1S114A-XXX Datasheet HTML 4Page - Bothhand USA, LP. NU1S114A-XXX Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
“LAN-MATE”SERIES
BOTHHAND
USA.
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED
10/100 BASE-TX MAGNETICS & XLEDs
J-45 connector integrated with X’FMR/Impedance
Resistor/High voltage capacitor.
Size same as RJ-45 connector to save PCB board space.
Reduce EMI radiation, improve EMI performance.
Design for 100 Base transmission over UTP-5 cable.
Operating temperature range: 0℃to +70℃.
Storage temperature range: -40℃to +85℃.
Electrical specifications @ 25℃
OCL(100KHz, 0.1Vrms with 8mA/DC Bias) : 350 uH Min.
Insertion
Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
Differential to
Common
Mode Rejection
(dB Min)
Part
Number
0.3~100MHz 30MHz 40MHz 50MHz 60MHz 80MHz 0.3-80MHz
0.3-60MHz
60-100MHz
0.3-100MHz
NU1S041-XXX
-1.15
-16
-14
-13.5
-13
-10
-35
-30
NU1S041A- XXX
-1.15
-16
-14
-13.5
-13
-10
-
-40
-38
NU1S041B- XXX
-1.15
-16
-14
-13.5
-13
-10
-
-40
-38
-
NU1S041C- XXX
-1.15
-16
-14
-13.5
-13
-10
-
-40
-38
-
NU1S041D- XXX
-1.15
-16
-14
-13.5
-13
-10
-
-40
-38
-
NU1S112- XXX
-1.15
-16
-14
-13.5
-13
-10
-
-40
-38
-
NU1S114- XXX
-1.15
-16
-14
-13.5
-13
-10
-35
-
-
-30
NU1S114A- XXX
-1.15
-16
-14
-13.5
-13
-10
-35
-
-
-
30MHz
50MHz
100MHz
NU1S214A- XXX
-1.15
-16
-14
-13.5
-13
-10
-55
-45
-35
-
NU1S515- XXX
-1.15
-16
-14
-13.5
-13
-10
-35
-
-
-30
NU1S516- XXX
-1.15
-16
-14
-13.5
-13
-10
-35
-
-
-30
30MHz
50MHz
100MHz
NU1S516 A- XXX
-1.15
-16
-14
-13.5
-13
-10
-55
-45
-35
-
NU1S517- XXX
-1.1
-16
-14
-13.5
-13
-10
-
-40
-38
-
CMRR
TX/RX (dB Min)
Part
Number
CW/W
(pF Max)
L.L
TX/RX (uH Min)
HI-POT
(Vrms)
Rise time
(10-90%)
(nS Typ)
Turn Ratios
(TX/RX) ±5%
0.3-60MHz
60-100MHz
NU1S041-XXX
28
0.5
1500
2.5
1CT:1CT
-
-
NU1S041A- XXX
28
0.5
1500
-
1CT:1CT
-45/-40
-40/-35
NU1S041B- XXX
28
0.3
1500
-
1CT:1CT
-45/-40
-40/-35
NU1S041C- XXX
28
0.4
1500
-
1CT:1CT
-45/-40
-40/-35
NU1S041D- XXX
28
0.4
1500
-
1CT:1CT
-45/-40
-40/-35
NU1S112- XXX
30
1.3/0.5
1500
-
1CT:2CT/1CT:1CT
-45/-40
-40/-35
NU1S114- XXX
28
0.8/0.5
1500
2.5
1CT:1.414CT/1CT:1CT
-
-
NU1S114A- XXX
28
0.8/0.5
1500
2.5
1CT:1.414CT/1CT:1CT
-30
NU1S214A- XXX
28
0.4
1500
2.5
1CT:1.414/1CT:1CT
-
-
NU1S515- XXX
28
0.4
1500
2.5
1CT:1CT
-
-
NU1S516- XXX
28
0.4
1500
2.5
1CT:1/1CT:1CT
-
-
NU1S516 A- XXX
28
0.4
1500
2.5
1CT:1/1CT:1CT
-
-
NU1S517- XXX
28
0.4
1500
2.5
1CT:1/1CT:1CT
-45/-40
-40/-35
Code
1
3
4
Empty
LED Color
Red
Yellow
Green
No LED
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - NU1S114A-XXX

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
NU1S114-434 BOTHHAND-NU1S114-434 Datasheet
142Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
More results

Similar Description - NU1S114A-XXX

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
NT1S001-XXX BOTHHAND-NT1S001-XXX Datasheet
447Kb / 4P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS & XLEDs
HU1S041XLF BOTHHAND-HU1S041XLF Datasheet
177Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041LF BOTHHAND-LU1S041LF Datasheet
173Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1T041LF BOTHHAND-LU1T041LF Datasheet
180Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041A BOTHHAND-LU1S041A Datasheet
231Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041B BOTHHAND-LU1S041B Datasheet
199Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041E BOTHHAND-LU1S041E Datasheet
95Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S516 BOTHHAND-LU1S516 Datasheet
207Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
PU1T041FN1 BOTHHAND-PU1T041FN1 Datasheet
93Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041A1LF BOTHHAND-LU1S041A1LF Datasheet
93Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com