Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUF4007 Datasheet(PDF) 1 Page - Semikron International

Part # SUF4007
Description  Ultrafast silicon rectifier diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SUF4007 Datasheet(HTML) 1 Page - Semikron International

  SUF4007 Datasheet HTML 1Page - Semikron International SUF4007 Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface mount diode
Ultrafast silicon rectifier
diodes
SUF 4001 ... SUF 4007
Forward Current: 1 A
Reverse Voltage: 50 to 1200 V
Features
Mechanical Data
1)
2)
3)
4)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
SUF 4001 ... SUF 4007-1200
1
01-12-2008 MAM
© by SEMIKRON


Similar Part No. - SUF4007

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SUF4007 DIOTEC-SUF4007 Datasheet
162Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
SUF4007 DIOTEC-SUF4007 Datasheet
71Kb / 2P
   Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
SUF4007 SEMIKRON-SUF4007 Datasheet
177Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
logo
Gulf Semiconductor
SUF4007 GULFSEMI-SUF4007 Datasheet
74Kb / 2P
   HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
logo
Shenzhen Luguang Electr...
SUF4007 LUGUANG-SUF4007 Datasheet
253Kb / 2P
   Surface Mount Rectifiers
More results

Similar Description - SUF4007

ManufacturerPart #DatasheetDescription
logo
Semikron International
UF600A SEMIKRON-UF600A_07 Datasheet
172Kb / 2P
   Ultrafast silicon rectifier diodes
BAV100 SEMIKRON-BAV100 Datasheet
81Kb / 2P
   Ultrafast silicon rectifier diodes
US3A SEMIKRON-US3A_07 Datasheet
201Kb / 2P
   Ultrafast silicon rectifier diodes
EGL1A SEMIKRON-EGL1A Datasheet
129Kb / 2P
   Ultrafast silicon rectifier diodes
EGL34A SEMIKRON-EGL34A Datasheet
134Kb / 2P
   Ultrafast silicon rectifier diodes
US2SMAA SEMIKRON-US2SMAA Datasheet
202Kb / 2P
   Ultrafast silicon rectifier diodes
US2SMAA SEMIKRON-US2SMAA_09 Datasheet
299Kb / 2P
   Ultrafast silicon rectifier diodes
US3SMBA SEMIKRON-US3SMBA_09 Datasheet
303Kb / 2P
   Ultrafast silicon rectifier diodes
UF5400 SEMIKRON-UF5400_06 Datasheet
121Kb / 2P
   Ultrafast silicon rectifier diodes
UF5400 SEMIKRON-UF5400 Datasheet
117Kb / 2P
   Ultrafast silicon rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com