Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US1J Datasheet(PDF) 2 Page - Semikron International

Part # US1J
Description  Ultrafast silicon rectifier diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

US1J Datasheet(HTML) 2 Page - Semikron International

  US1J Datasheet HTML 1Page - Semikron International US1J Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig. 1 Forward characteristic ( typical values )
Fig. 2 Rated forward current vs. temp. of the terminals
4)
US 1A ... US 1S
2
15-02-2008 MAM
© by SEMIKRON


Similar Part No. - US1J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1J PANJIT-US1J Datasheet
72Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Galaxy Semi-Conductor H...
US1J BILIN-US1J Datasheet
216Kb / 3P
   Surface Mount Rectifiers
logo
Diotec Semiconductor
US1J DIOTEC-US1J Datasheet
103Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
logo
Diodes Incorporated
US1J DIODES-US1J Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Won-Top Electronics
US1J WTE-US1J Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - US1J

ManufacturerPart #DatasheetDescription
logo
Semikron International
UF600A SEMIKRON-UF600A_07 Datasheet
172Kb / 2P
   Ultrafast silicon rectifier diodes
BAV100 SEMIKRON-BAV100 Datasheet
81Kb / 2P
   Ultrafast silicon rectifier diodes
SUF4001 SEMIKRON-SUF4001_08 Datasheet
183Kb / 2P
   Ultrafast silicon rectifier diodes
US3A SEMIKRON-US3A_07 Datasheet
201Kb / 2P
   Ultrafast silicon rectifier diodes
EGL1A SEMIKRON-EGL1A Datasheet
129Kb / 2P
   Ultrafast silicon rectifier diodes
EGL34A SEMIKRON-EGL34A Datasheet
134Kb / 2P
   Ultrafast silicon rectifier diodes
US2SMAA SEMIKRON-US2SMAA Datasheet
202Kb / 2P
   Ultrafast silicon rectifier diodes
US2SMAA SEMIKRON-US2SMAA_09 Datasheet
299Kb / 2P
   Ultrafast silicon rectifier diodes
US3SMBA SEMIKRON-US3SMBA_09 Datasheet
303Kb / 2P
   Ultrafast silicon rectifier diodes
UF5400 SEMIKRON-UF5400_06 Datasheet
121Kb / 2P
   Ultrafast silicon rectifier diodes
UF5400 SEMIKRON-UF5400 Datasheet
117Kb / 2P
   Ultrafast silicon rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com