Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU4S041-43 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # LU4S041-43
Description  1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND 2LEDS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LU4S041-43 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  LU4S041-43 Datasheet HTML 1Page - Bothhand USA, LP. LU4S041-43 Datasheet HTML 2Page - Bothhand USA, LP. LU4S041-43 Datasheet HTML 3Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND 2LEDS
P/N: LU4S041-43
Page : 1/3
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A2(02/10)
Feature
RJ-45 connector integrated with X’FMR /impedance
resistor/high voltage capacitor.
Size same as RJ-45 connector to save PCB board
space.
Reduce EMI radiation, improve EMI performance.
Design for 100 BASE transmission over UTP-5 cable.
Operating temperature range: 0°C to +70°C.
Storage temperature range: -25°C to +85°C.
Recommended panel
Part Number Standard LED Forward*V(Max)
(TYP)
3
YELLOW
2.6V
2.1V
4
GREEN
2.6V
2.2V
*With a forward current 20mA
Electrical Specifications @ 25°C
Insertion Loss
(dB Max)
Part
Number
Turns Ratio
(±5%) TX/RX
OCL (uH Min)
@100 KHz/100mVrms
with 8mA DC Bias
CW/W
(pF Max)
L.L
(uH Max)
Rise Time
10-90%
(nS Typ)
0.3-100MHz
HI-POT
(Vrms)
LU4S041-43
1CT:1CT
350
28
0.5
2.5
-1.15
1500
Continue
Return Loss
(dB Min)
Cross talk
(dB Min)
CMR
(dB Min)
Part
Number
30MHz 40MHz 50MHz 60MHz 80MHz 0.3-30MHz 30-60 MHz 60-100MHz 1-30MHz
30-60MHz 60-125MHz
LU4S041-43
-16
-14
-13.5
-13
-10
-40
-35
-30
-30
-25
-20
Schematic


Similar Part No. - LU4S041-43

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LU4S041-XXLF BOTHHAND-LU4S041-XXLF Datasheet
125Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
More results

Similar Description - LU4S041-43

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LU4S041C-43LF BOTHHAND-LU4S041C-43LF Datasheet
114Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND 2LEDS
LU4S041C-44LF BOTHHAND-LU4S041C-44LF Datasheet
116Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND 2LEDS
LU4S041C-43 BOTHHAND-LU4S041C-43 Datasheet
291Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND 2LEDS
LU4S515 BOTHHAND-LU4S515 Datasheet
249Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4T041A1 BOTHHAND-LU4T041A1 Datasheet
140Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4T041XLF BOTHHAND-LU4T041XLF Datasheet
189Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4S041X BOTHHAND-LU4S041X Datasheet
254Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4S041 BOTHHAND-LU4S041_1 Datasheet
245Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4S049 BOTHHAND-LU4S049 Datasheet
253Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4T041A BOTHHAND-LU4T041A Datasheet
142Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com