Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU4S041C Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # LU4S041C
Description  1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LU4S041C Datasheet(HTML) 1 Page - Bothhand USA, LP.

  LU4S041C Datasheet HTML 1Page - Bothhand USA, LP. LU4S041C Datasheet HTML 2Page - Bothhand USA, LP. LU4S041C Datasheet HTML 3Page - Bothhand USA, LP. LU4S041C Datasheet HTML 4Page - Bothhand USA, LP. LU4S041C Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
“LAN-MATE”SERIES
BOTHHAND
USA.
1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED
10/100 BASE-TX MAGNETICS
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
RJ-45 connector integrated with X’FMR/impedance
resistor/high voltage capacitor.
Size same as RJ-45 connector to save PCB board space
Reduce EMI radiation, improve EMI performance.
Design for 100 Base transmission over UTP-5 cable
Operating temperature range: 0℃to +70℃
Storage temperature range: -40℃to +125℃
Electrical specifications @25℃
OCL(100KHz, 0.1Vrms with 8mA/DC Bias) : 350 uH Min.
Differential to Common
Mode Rejection
(dB Min)
Cross talk
(dB Min)
Insertion
Loss
(dB Max.)
Return Loss
(dB Min.)
0.3-60MHz 60-100MHz
Part
Number
0.3-60MHz 0.3-80MHz 0.3-100MHz
60-100MHz 0.3~100MHz 30MHz 40MHz 50MHz 60MHz 80MHz
TX
RX
TX
RX
LU4S041
-
-35
-
-
-1.15
-16
-14
-13.5
-13
-10
-30
LU4S041B
-40
-
-
-38
-1.15
-16
-14
-13.5
-13
-10
-45
-40
-40
-35
LU4S041C
-40
-
-
-38
-1.15
-16
-14
-13.5
-13
-10
-45
-40
-40
-35
LU4S041F
-
-
-35
-1.15
-16
-14
-13.5
-13
-10
-30
LU4S041X
-
-
-35
-
-1.15
-16
-14
-13.5
-13
-10
-30
LU4S042
-
-35
-
-
-1.15
-16
-14
-13.5
-13
-10
-30
LU4S042A
-
-35
-
-
-1.15
-16
-14
-13.5
-13
-10
-30
LU4S049
-
-35
-
-
-1.15
-16
-14
-13.5
-13
-10
-30
LU4S092
-
-
-38
-
-1.15
-16
-14
-13.5
-13
-10
-
LU4S125A
-
-35
-
-
-1.15
-16
-14
-13.5
-13
-10
-30
30MHz
50MHz
100MHz
LU4S214A
-55
-45
-35
-1.15
-16
-14
-13.5
-13
-10
-
LU4S515
-35
-
-
-1.15
-16
-14
-13.5
-13
-10
-30
LU4S516
-
-35
-
-
-1.15
-16
-14
-13.5
-13
-10
-30
LU4S516B
-
-35
-
-
-1.15
-16
-14
-13.5
-13
-10
-30
LU4S516D
-
-35
-
-
-1.15
-16
-14
-13.5
-13
-10
-30
LU4S516E
-
-
-35
-
-1.15
-16
-14
-13.5
-13
-10
-30
Turns Ratio
(±5%)
L.L
(uH Min)
CMRR
(dB Min)
Part
Number
TX
RX
CW/W
(pF Max)
TX/RX
TX
RX
HI-POT
(Vrms)
Rise time
10-90% (ns Typ)
0.3-100MHz
Insulation Resistance
@ 500Vdc
LU4S041
1CT:1CT
28
0.5
1500
2.5
-
-
LU4S041B
1CT:1CT
28
0.3
1500
-
-
-
LU4S041C
1CT:1CT
28
0.4
1500
-
-
-
LU4S041F
1CT:1CT
-
1500
-
-
-
LU4S041X
1CT:1CT
56
0.5
1500
2.5
-
-
LU4S042
2CT:1CT
1CT:1CT
30
1.3
0.5
1500
2.5
-
-
LU4S042A
2CT:1
1CT:1CT
30
1.3
0.5
1500
2.5
-
-
LU4S049
1CT:1CT
28
0.4
1500
2.5
-
-
LU4S092
1.41CT:1CT 1CT:1CT
30
0.4
1500
-
-40
10000 MΩ
LU4S125A 1.25CT:1CT 1CT:1CT
28
0.5
1500
2.5
-
-
LU4S214A 1CT:1.414CT
1CT:1
28
0.4
1500
2.5
-
-
LU4S515
1CT:1CT
28
0.4
1500
2.5
-
-
LU4S516
1CT:1
1CT:1CT
28
0.4
1500
2.5
-
-
LU4S516B
1CT:1
1CT:1CT
28
0.4
1500
2.5
-
-
LU4S516D
1CT:1
1CT:1CT
28
0.4
1500
2.5
-
-
LU4S516E
1CT:1CT
-
-
1500
-
-
-


Similar Part No. - LU4S041C

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LU4S041C BOTHHAND-LU4S041C Datasheet
249Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4S041C-34LF BOTHHAND-LU4S041C-34LF Datasheet
114Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU4S041C-43 BOTHHAND-LU4S041C-43 Datasheet
291Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND 2LEDS
LU4S041C-43LF BOTHHAND-LU4S041C-43LF Datasheet
114Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND 2LEDS
LU4S041C-44LF BOTHHAND-LU4S041C-44LF Datasheet
116Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND 2LEDS
More results

Similar Description - LU4S041C

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LU4S515 BOTHHAND-LU4S515 Datasheet
249Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4T041A1 BOTHHAND-LU4T041A1 Datasheet
140Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4T041XLF BOTHHAND-LU4T041XLF Datasheet
189Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4S041X BOTHHAND-LU4S041X Datasheet
254Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4S041 BOTHHAND-LU4S041_1 Datasheet
245Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4S049 BOTHHAND-LU4S049 Datasheet
253Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4T041A BOTHHAND-LU4T041A Datasheet
142Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4T041X1LF BOTHHAND-LU4T041X1LF Datasheet
194Kb / 2P
   1x4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4Y041XLF BOTHHAND-LU4Y041XLF Datasheet
184Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4T041A-LF BOTHHAND-LU4T041A-LF Datasheet
191Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4S041XLF BOTHHAND-LU4S041XLF Datasheet
108Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com