Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40ST1042_M Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 40ST1042_M
Description  40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

40ST1042_M Datasheet(HTML) 1 Page - Bothhand USA, LP.

  40ST1042_M Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
P/N: 40ST1042 DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A0(02/06)
Feature
IEEE 802.3 Ethernet compatible, 100 BASE-TX.
Surface mountable.
Design for multiport repeater and Ethernet switching Hub
application.
Customer designs available for specific application.
Operating temperature range : 0℃ to +70℃.
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
L.L
(uH Max)
Part
Number
TX
RX
OCL (uH Min)
@ 100KHz/0.1Vrms with
8mA/DC Bias
TX
RX
CW/W
(pF Max)
Insulation
Resistance
(MΩ)
Voltage Isolation
(Vrms)
40ST1042
2CT:1CT
1:1
350
1.3
0.5
30
10,000
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min)
Part
Number
0.3–100MHz 0.3-30MHz
40MHz
50MHz
60-80MHz
0.3-100 MHz
1-60MHz 60-200MHz
40ST1042
-1.15
-18
-15.5
-13.6
-12
-38
-37
-25
Schematic
Mechanical


Similar Part No. - 40ST1042_M

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1042-1 BOTHHAND-40ST1042-1 Datasheet
40Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1042_S BOTHHAND-40ST1042_S Datasheet
222Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
More results

Similar Description - 40ST1042_M

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1041B BOTHHAND-40ST1041B Datasheet
40Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041D BOTHHAND-40ST1041D Datasheet
42Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041EX-1 BOTHHAND-40ST1041EX-1 Datasheet
223Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1053B BOTHHAND-40ST1053B Datasheet
41Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1064 BOTHHAND-40ST1064 Datasheet
216Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1045 BOTHHAND-40ST1045 Datasheet
288Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1011L BOTHHAND-40ST1011L Datasheet
69Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041C BOTHHAND-40ST1041C Datasheet
40Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041L BOTHHAND-40ST1041L Datasheet
42Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041SX_S BOTHHAND-40ST1041SX_S Datasheet
213Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1042_S BOTHHAND-40ST1042_S Datasheet
222Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com