Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IID2151 Datasheet(PDF) 2 Page - IDEA.lnc.

Part # IID2151
Description  T-1, 3 mm diameter package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

IID2151 Datasheet(HTML) 2 Page - IDEA.lnc.

  IID2151 Datasheet HTML 1Page - IDEA.lnc. IID2151 Datasheet HTML 2Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IID2151
Page
2 of 2
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0507
Absolute Maximum Ratings at Ta = 25 °C
Electronic Optical Characteristics
Parameter
Symbol
Rating
Units
Forward Current
IF
30
mA
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-40 to +100
°C
Soldering Temperature
Tsol
260 ± 5
°C
Power Dissipation
Pd
100
mW
Peak Forward Current
(Duty 1/10 @ 1 KHz)
IFP
160
mA
Reverse Voltage
VR
5V
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Luminous Intensity
IV
4.0
6.3
mcd
IF = 20 mA
Viewing Angle
2
θ1/2
—70
deg
IF = 20 mA
Peak Wavelength
λp
635
nm
IF = 20 mA
Dominant Wavelength
λd
625
nm
IF = 20 mA
Spectrum Radiation
Bandwidth
∆λ
—45
nm
IF = 20 mA
Forward Voltage
VF
1.7
2.0
2.4
V
IF = 20 mA
Reverse Current
IR
——
10
µA
VR = 5 V


Similar Part No. - IID2151

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
IID2351 IDEA-IID2351 Datasheet
35Kb / 2P
   T-1, 3 mm Round
More results

Similar Description - IID2151

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
IGD2151 IDEA-IGD2151 Datasheet
36Kb / 2P
   T-1, 3 mm diameter package
IGT2151 IDEA-IGT2151 Datasheet
37Kb / 2P
   T-1, 3 mm diameter package
IYD2151 IDEA-IYD2151 Datasheet
36Kb / 2P
   T-1, 3 mm diameter package
IHD2151 IDEA-IHD2151 Datasheet
36Kb / 2P
   T-1, 3 mm diameter package
logo
List of Unclassifed Man...
AND124G ETC-AND124G Datasheet
51Kb / 2P
   Standard LED T-1 Package (3 mm)
logo
IDEA.lnc.
JGC2381 IDEA-JGC2381 Datasheet
37Kb / 2P
   T-1, 3 mm Round
JRC2381 IDEA-JRC2381 Datasheet
37Kb / 1P
   T-1, 3 mm Round
IID2351 IDEA-IID2351 Datasheet
35Kb / 2P
   T-1, 3 mm Round
IUBC2381 IDEA-IUBC2381 Datasheet
37Kb / 2P
   T-1, 3 mm Round
JYC2381 IDEA-JYC2381 Datasheet
37Kb / 2P
   T-1, 3 mm Round
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com