Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPT0118 Datasheet(PDF) 2 Page - IDEA.lnc.

Part # IPT0118
Description  phototransistor in miniature SMD package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

IPT0118 Datasheet(HTML) 2 Page - IDEA.lnc.

  IPT0118 Datasheet HTML 1Page - IDEA.lnc. IPT0118 Datasheet HTML 2Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IPT0118
Page
2 of 2
* Specifications subject to change without notice. Dimensions are in mm±0.1 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0507
Absolute Maximum Ratings at Ta = 25 °C
Electronic Optical Characteristics
Parameter
Symbol
Rating
Units
Collector-Emitter Voltage
VCEO
60
V
Emitter-Collector Voltage
VECO
5V
Collector Current
IC
20
mA
Operating Temperature
Topr
-25 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
Soldering Temperature
Tsol
260
°C
Power Dissipation at (or below) 25°C
Free Air Temperature
Pd
75
mW
Parameter
Symbol
Min.
Typ.
Max
Units
Condition
Collector-Emitter
Breakdown Voltage
BVCEO
60——
V
IC=100µA
Ee= 0 mW/cm
2
Emitter-Collector
Breakdown Voltage
BVECO
5—
V
IE=100µA
Ee= 0 mW/cm
2
Collector-Emitter
Saturation Voltage
VCE(sat)
——
0.4
V
IC= 2 mA
Ee= 1 mW/cm
2
Rise Time
tr
—15—
µs
VCE= 5 V
IC=1 mA
RL=1000 Ω
Fall Time
tf
—15—
µs
Collector Dark
Current
ICEO
——
100
nA
VCE= 20 V
Ee= 0 mW/cm
2
On State Collector
Current
IC(on)
0.5
0.8
mA
VCE= 5 V
Ee= 1 mW/cm
2
Peak Wavelength
λp
860
nm
Range of Spectral Bandwidth
λ0.5
400
1200
nm


Similar Part No. - IPT0118

ManufacturerPart #DatasheetDescription
logo
IP SEMICONDUCTOR CO., L...
IPT0106-XXU IPS-IPT0106-XXU Datasheet
493Kb / 4P
   suitable for low power AC Switching application
IPT0108-XXU IPS-IPT0108-XXU Datasheet
493Kb / 4P
   suitable for low power AC Switching application
logo
Infineon Technologies A...
IPT010N08NM5 INFINEON-IPT010N08NM5 Datasheet
1Mb / 11P
   OptiMOSTM 5 Power-Transistor, 80 V
Rev.2.0,2020-12-09
IPT012N06N INFINEON-IPT012N06N Datasheet
1,022Kb / 11P
   OptiMOSTM Power-Transistor, 60 V
Rev.2.0,2016-12-09
IPT012N08N5 INFINEON-IPT012N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2015-02-23
More results

Similar Description - IPT0118

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP522 OPTEK-OP522 Datasheet
300Kb / 4P
   Silicon Phototransistor in Miniature SMT Package
logo
TT Electronics.
OP522 TTELEC-OP522 Datasheet
295Kb / 4P
   Silicon Phototransistor in Miniature SMT Package
logo
OPTEK Technologies
OP500 OPTEK-OP500 Datasheet
240Kb / 5P
   Silicon Phototransistor and Photo Darlington in Miniature 0805 SMD Package
logo
TT Electronics.
OP500 TTELEC-OP500 Datasheet
240Kb / 5P
   Silicon Phototransistor and Photo Darlington in Miniature 0805 SMD Package
OP525 TTELEC-OP525 Datasheet
380Kb / 5P
   Silicon Phototransistor and Photo Darlington in 1210 SMD Package
logo
Vishay Siliconix
TEMT7100ITX01 VISHAY-TEMT7100ITX01 Datasheet
145Kb / 7P
   Silicon Phototransistor in 0805 Package
Rev. 1.0, 03-Jun-14
TEMT7100 VISHAY-TEMT7100 Datasheet
133Kb / 7P
   Silicon Phototransistor in 0805 Package
Rev. 1.2, 18-Oct-11
TEMT7100ITX01 VISHAY-TEMT7100ITX01_V02 Datasheet
147Kb / 7P
   Silicon Phototransistor in 0805 Package
01-Jan-2023
TEMT7000 VISHAY-TEMT7000 Datasheet
134Kb / 7P
   Silicon Phototransistor in 0805 Package
Rev. 1.2, 18-Oct-11
TEMT7000X01 VISHAY-TEMT7000X01_V02 Datasheet
140Kb / 7P
   Silicon Phototransistor in 0805 Package
01-Jan-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com