Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IURC4251 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # IURC4251
Description  T-1 3/4, 5 mm Round
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

IURC4251 Datasheet(HTML) 1 Page - IDEA.lnc.

  IURC4251 Datasheet HTML 1Page - IDEA.lnc. IURC4251 Datasheet HTML 2Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IURC4251
Page
1 of 2
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0507
This lamp is a T-1 3/4, 5 mm Round.
PART NO.
Chip
Lens Color
Material
Emitted Color
IURC4251
GaAlAs
Super Red
Water Clear


Similar Part No. - IURC4251

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
IURC0158 IDEA-IURC0158 Datasheet
29Kb / 1P
   Surface Mount LED
IURC0198 IDEA-IURC0198 Datasheet
26Kb / 1P
   Surface Mount LED
IURC0428 IDEA-IURC0428 Datasheet
26Kb / 1P
   Surface Mount LED
More results

Similar Description - IURC4251

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
IVYC4251 IDEA-IVYC4251 Datasheet
105Kb / 2P
   T-1 3/4, 5 mm Round
IGD4251 IDEA-IGD4251 Datasheet
34Kb / 2P
   T-1 3/4, 5 mm Round
IVGC4251 IDEA-IVGC4251 Datasheet
104Kb / 2P
   T-1 3/4, 5 mm Round
IVRT4251 IDEA-IVRT4251 Datasheet
37Kb / 2P
   T-1 3/4, 5 mm Round
IYD4251 IDEA-IYD4251 Datasheet
30Kb / 2P
   T-1 3/4, 5 mm Round
IID4251 IDEA-IID4251 Datasheet
30Kb / 2P
   T-1 3/4, 5 mm Round
IVGT4251 IDEA-IVGT4251 Datasheet
37Kb / 2P
   T-1 3/4, 5 mm Round
logo
Everlight Electronics C...
7343-R5C2-AQTB EVERLIGHT-7343-R5C2-AQTB Datasheet
97Kb / 7P
   5 mm Round LED, T-1 3/4
T2C5-1MQB EVERLIGHT-T2C5-1MQB Datasheet
133Kb / 10P
   5 mm Round White LED (T-1 3/4)
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED (T-1 3/4 )
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com