Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25834-L5156-K009 Datasheet(PDF) 5 Page - EPCOS

Part # B25834-L5156-K009
Description  MKV AC capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25834-L5156-K009 Datasheet(HTML) 5 Page - EPCOS

  B25834-L5156-K009 Datasheet HTML 1Page - EPCOS B25834-L5156-K009 Datasheet HTML 2Page - EPCOS B25834-L5156-K009 Datasheet HTML 3Page - EPCOS B25834-L5156-K009 Datasheet HTML 4Page - EPCOS B25834-L5156-K009 Datasheet HTML 5Page - EPCOS B25834-L5156-K009 Datasheet HTML 6Page - EPCOS B25834-L5156-K009 Datasheet HTML 7Page - EPCOS B25834-L5156-K009 Datasheet HTML 8Page - EPCOS B25834-L5156-K009 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Please read Cautions and warnings and
5
09/05
Important notes at the end of this document.
MKV AC Capacitors
Damping, Commutating
B25834
33
64
1700
4100
1.9
110 89.3 × 104
4
780
B25834-D5336-K009
47
80
2400
5900
1.7
180 64.2 × 248
2
960
B25834-D5476-K004
68
80
3400
8500
1.6
180 79.2 × 248
2
1500
B25834-D5686-K004
100
80
5000
12500
1.4
180 89.3 × 248
2
1900
B25834-D5107-K004
VR = AC 900 V
= 1100 V
vs = 1500 V
VTT = AC 1150 V, 10 s
VTC = AC 2600 V, 10 s
0.10 10
50
120 33.0
50 25.0 × 48
5
30
B25834-F6104-M001
0.15 10
70
180 24.0
50 25.0 × 48
5
30
B25834-F6154-M001
0.22 10
100
260 17.0
50 25.0 × 48
5
30
B25834-F6224-M001
0.33 10
90
220 29.0
50 25.0 × 48
5
30
B25834-F6334-M001
0.47 10
130
320 21.0
50 25.0 × 48
5
30
B25834-F6474-M001
0.68 10
180
460 16.0
50 25.0 × 48
5
30
B25834-F6684-M001
1.0
16
300
750 12.0
50 30.0 × 48
6
50
B25834-F6105-K001
1.5
16
450
1100
9.8
50 35.0 × 48
7
60
B25834-F6155-K001
2.2
16
150
390 18.0
90 30.0 × 80
6
70
B25834-F6225-K001
3.3
16
230
580 14.0
90 35.0 × 80
7
100
B25834-F6335-K001
4.7
18
330
820
9.0
90 40.0 × 86
3
130
B25834-L6475-K009
6.8
18
480
1200
7.3
90 50.0 × 86
3
200
B25834-L6685-K009
10
18
700
1750
6.1
90 60.0 × 86
3
290
B25834-L6106-K009
15
60
1100
2600
2.8
100 79.2 × 104
2
610
B25834-D6156-K004
15
60
1100
2600
2.7
100 79.2 × 104
4
610
B25834-D6156-K009
22
80
1500
3900
2.2
110 89.3 × 104
2
780
B25834-D6226-K004
22
64
1500
3900
2.1
110 89.3 × 104
4
780
B25834-D6226-K009
33
80
2300
5800
1.8
180 64.2 × 248
2
960
B25834-D6336-K004
47
80
3300
8200
1.6
180 79.2 × 248
2
1500
B25834-D6476-K004
68
80
4800
12000
1.4
180 89.3 × 248
2
1900
B25834-D6686-K004
VR = AC 1100 V
= 1400 V
vs = 1900 V
VTT = AC 1400 V, 10 s
VTC = AC 3000 V, 10 s
4.7
18
380
940
17.0
140 40.0 × 156
3
240
B25834-L7475-K009
6.8
18
540
1400
13.0
140 50.0 × 156
3
370
B25834-L7685-K009
10
60
800
2000
6.3
150 64.2 × 176
1
680
B25834-D7106-K004
15
80
1200
3000
4.9
150 79.2 × 176
1
1000
B25834-D7156-K004
22
80
1800
4400
3.7
150 89.3 × 176
1
1300
B25834-D7226-K004
33
80
2600
6600
2.8
150 99.3 × 176
1
1600
B25834-D7336-K004
Characteristics and ordering codes
CR1)
μF
Imax
A
î
A
Is
A
RS
20 °C
Lself
nH
Dimensions
d × l
mm
Fig. Appr.
weight
g
Ordering code
1) Other capacitance values upon request


Similar Part No. - B25834-L5156-K009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25834C6226K4 EPCOS-B25834C6226K4 Datasheet
280Kb / 14P
   Power Capacitors
B25834D6156K004 EPCOS-B25834D6156K004 Datasheet
280Kb / 14P
   Power Capacitors
B25834D6156K009 EPCOS-B25834D6156K009 Datasheet
280Kb / 14P
   Power Capacitors
B25834D6226K004 EPCOS-B25834D6226K004 Datasheet
280Kb / 14P
   Power Capacitors
B25834D6226K009 EPCOS-B25834D6226K009 Datasheet
280Kb / 14P
   Power Capacitors
More results

Similar Description - B25834-L5156-K009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25832F4105K001 EPCOS-B25832F4105K001 Datasheet
276Kb / 10P
   MKV AC capacitors
B25835 EPCOS-B25835 Datasheet
174Kb / 8P
   MKV AC capacitors
B25832 EPCOS-B25832 Datasheet
276Kb / 10P
   MKV AC capacitors
B25838 EPCOS-B25838 Datasheet
179Kb / 8P
   MKV AC Capacitors Damping
B25856 EPCOS-B25856 Datasheet
179Kb / 6P
   MKV AC, MKV DC Capacitors LSI Snubbering and Clamping
B25836-A5147-A172 EPCOS-B25836-A5147-A172 Datasheet
32Kb / 1P
   MKV-Capacitor
B25836B6107A305 EPCOS-B25836B6107A305 Datasheet
466Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B5287A305 EPCOS-B25836B5287A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B6137A305 EPCOS-B25836B6137A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B6167A305 EPCOS-B25836B6167A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com