Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25834-D5476-K004 Datasheet(PDF) 7 Page - EPCOS

Part # B25834-D5476-K004
Description  MKV AC capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25834-D5476-K004 Datasheet(HTML) 7 Page - EPCOS

Back Button B25834-D5476-K004 Datasheet HTML 3Page - EPCOS B25834-D5476-K004 Datasheet HTML 4Page - EPCOS B25834-D5476-K004 Datasheet HTML 5Page - EPCOS B25834-D5476-K004 Datasheet HTML 6Page - EPCOS B25834-D5476-K004 Datasheet HTML 7Page - EPCOS B25834-D5476-K004 Datasheet HTML 8Page - EPCOS B25834-D5476-K004 Datasheet HTML 9Page - EPCOS B25834-D5476-K004 Datasheet HTML 10Page - EPCOS B25834-D5476-K004 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Please read Cautions and warnings and
7
09/05
Important notes at the end of this document.
MKV AC Capacitors
Damping, Commutating
B25834
Dimensional drawing 1
Screw terminals M10 (Dimensions in mm)
1) Dimensions for guidance only, subject for modification
Mounting parts (included in delivery)
d–1,2 l –4
∅ d
1 –0,4 l1
min
Creepage
distance
Clear-
ance
64.2
64.2
176
248
60.2
60.2
135
204
20
13
79.2
79.2
176
248
75.2
75.2
135
204
89.3
89.3
176
248
85.2
85.2
135
204
99.3
99.3
176
248
95.2
95.2
135
204
Max. torque terminals*)
7 Nm
Threaded bolt
Max. torque
Toothed washer
Hex nut
M12
10 Nm
J 12,5 DIN 6797
M12 DIN 439
KLK1413-6
M10
ød1
13 min.
Hex nut
M12
35
M10 ISO 4035
10,5 DIN 433
Washer
*) The terminal torque must not act upon the ceramic. So the lead should be locked between two nuts..
Dimensional drawing 2
Screw terminals M10 (Dimensions in mm)
d–1,2 l –4
∅ d
1 –0,4 l1
min
Creepage
distance
Clear-
ance
64.2
64.2
104
248
60.2
60.2
135
204
10
10
79.2
79.2
104
248
75.2
75.2
75
204
89.3
89.3
104
248
85.2
85.2
75
204
99.3
99.3
104
248
95.2
95.2
75
204
Max. torque terminals*)
7 Nm
KLK1412-X
M10
ød1
13 min.
Hex nut
M12
35
M10 ISO 4035
10,5 DIN 433
Washer


Similar Part No. - B25834-D5476-K004

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25834C6226K4 EPCOS-B25834C6226K4 Datasheet
280Kb / 14P
   Power Capacitors
B25834D6156K004 EPCOS-B25834D6156K004 Datasheet
280Kb / 14P
   Power Capacitors
B25834D6156K009 EPCOS-B25834D6156K009 Datasheet
280Kb / 14P
   Power Capacitors
B25834D6226K004 EPCOS-B25834D6226K004 Datasheet
280Kb / 14P
   Power Capacitors
B25834D6226K009 EPCOS-B25834D6226K009 Datasheet
280Kb / 14P
   Power Capacitors
More results

Similar Description - B25834-D5476-K004

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25832F4105K001 EPCOS-B25832F4105K001 Datasheet
276Kb / 10P
   MKV AC capacitors
B25835 EPCOS-B25835 Datasheet
174Kb / 8P
   MKV AC capacitors
B25832 EPCOS-B25832 Datasheet
276Kb / 10P
   MKV AC capacitors
B25838 EPCOS-B25838 Datasheet
179Kb / 8P
   MKV AC Capacitors Damping
B25856 EPCOS-B25856 Datasheet
179Kb / 6P
   MKV AC, MKV DC Capacitors LSI Snubbering and Clamping
B25836-A5147-A172 EPCOS-B25836-A5147-A172 Datasheet
32Kb / 1P
   MKV-Capacitor
B25836B6107A305 EPCOS-B25836B6107A305 Datasheet
466Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B5287A305 EPCOS-B25836B5287A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B6137A305 EPCOS-B25836B6137A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B6167A305 EPCOS-B25836B6167A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com