Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25834-F6684-M001 Datasheet(PDF) 2 Page - EPCOS

Part # B25834-F6684-M001
Description  MKV AC capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25834-F6684-M001 Datasheet(HTML) 2 Page - EPCOS

  B25834-F6684-M001 Datasheet HTML 1Page - EPCOS B25834-F6684-M001 Datasheet HTML 2Page - EPCOS B25834-F6684-M001 Datasheet HTML 3Page - EPCOS B25834-F6684-M001 Datasheet HTML 4Page - EPCOS B25834-F6684-M001 Datasheet HTML 5Page - EPCOS B25834-F6684-M001 Datasheet HTML 6Page - EPCOS B25834-F6684-M001 Datasheet HTML 7Page - EPCOS B25834-F6684-M001 Datasheet HTML 8Page - EPCOS B25834-F6684-M001 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Please read Cautions and warnings and
2
09/05
Important notes at the end of this document.
MKV AC Capacitors
Damping, Commutating
B25834
Features
High dielectric strength
High peak-current capability
Applications
For damping and commutating in
the medium frequency range
For general AC applications
Construction
Self-healing
Plastic dielectric
Oil-impregnated tubular windings (no PCB)
Metal-sprayed end faces ensure reliable contacting
Cylindrical aluminum case
Plastic or ceramic lead-throughs
Mounting bolts M8 or M12
Terminals
Screw terminals M10
Tab connectors 6.3 mm
Dual tab connectors 6.3 mm and 9.5 mm
Mounting
If the vibration stress is ≤ 5 g and the capacitors are ≤ 60 mm
in diameter and ≤ 160 mm in height, the bolt is used for mounting.
Grounding
Mounting bolts for grounding in accordance with VDE 0100
Grounding identification in accordance with DIN 40 011
Overpressure disconnector (mechanical)
When the overpressure disconnector responds,
the capacitor extends by up to 8 mm.
So leave sufficient space above the terminals when mounting the capacitor.
Individual data sheets
Individual data sheets contain detailed specification incl. thermal data.
Upon request, these data sheets are available for each capacitor type.


Similar Part No. - B25834-F6684-M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25834C6226K4 EPCOS-B25834C6226K4 Datasheet
280Kb / 14P
   Power Capacitors
B25834D6156K004 EPCOS-B25834D6156K004 Datasheet
280Kb / 14P
   Power Capacitors
B25834D6156K009 EPCOS-B25834D6156K009 Datasheet
280Kb / 14P
   Power Capacitors
B25834D6226K004 EPCOS-B25834D6226K004 Datasheet
280Kb / 14P
   Power Capacitors
B25834D6226K009 EPCOS-B25834D6226K009 Datasheet
280Kb / 14P
   Power Capacitors
More results

Similar Description - B25834-F6684-M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25832F4105K001 EPCOS-B25832F4105K001 Datasheet
276Kb / 10P
   MKV AC capacitors
B25835 EPCOS-B25835 Datasheet
174Kb / 8P
   MKV AC capacitors
B25832 EPCOS-B25832 Datasheet
276Kb / 10P
   MKV AC capacitors
B25838 EPCOS-B25838 Datasheet
179Kb / 8P
   MKV AC Capacitors Damping
B25856 EPCOS-B25856 Datasheet
179Kb / 6P
   MKV AC, MKV DC Capacitors LSI Snubbering and Clamping
B25836-A5147-A172 EPCOS-B25836-A5147-A172 Datasheet
32Kb / 1P
   MKV-Capacitor
B25836B6107A305 EPCOS-B25836B6107A305 Datasheet
466Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B5287A305 EPCOS-B25836B5287A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B6137A305 EPCOS-B25836B6137A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B6167A305 EPCOS-B25836B6167A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com