Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32911A3103K289 Datasheet(PDF) 4 Page - EPCOS

Part # B32911A3103K289
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32911A3103K289 Datasheet(HTML) 4 Page - EPCOS

  B32911A3103K289 Datasheet HTML 1Page - EPCOS B32911A3103K289 Datasheet HTML 2Page - EPCOS B32911A3103K289 Datasheet HTML 3Page - EPCOS B32911A3103K289 Datasheet HTML 4Page - EPCOS B32911A3103K289 Datasheet HTML 5Page - EPCOS B32911A3103K289 Datasheet HTML 6Page - EPCOS B32911A3103K289 Datasheet HTML 7Page - EPCOS B32911A3103K289 Datasheet HTML 8Page - EPCOS B32911A3103K289 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
10
0.010
4.0
× 9.0 × 13.0 B32911A3103+*** 4000
6800
4000
0.022
5.0
× 11.0 × 13.0 B32911B3223+*** 3320
5200
4000
0.033
6.0
× 12.0 × 13.0 B32911A3333M*** 2720
4400
4000
15
0.022
5.0
× 10.5 × 18.0 B32912A3223+*** 4680
5200
4000
0.033
5.0
× 10.5 × 18.0 B32912A3333+*** 4680
5200
4000
0.047
5.0
× 10.5 × 18.0 B32912A3473+*** 4680
5200
4000
0.068
6.0
× 11.0 × 18.0 B32912A3683+*** 3840
4400
4000
0.10
7.0
× 12.5 × 18.0 B32912A3104+*** 3320
3600
4000
0.15
7.0
× 12.5 × 18.0 B32912B3154M*** 3320
3600
4000
0.15
8.5
× 14.5 × 18.0 B32912A3154+*** 2720
2800
2000
0.22
8.5
× 14.5 × 18.0 B32912B3224M*** 2720
2800
2000
0.22
9.0
× 17.5 × 18.0 B32912A3224+*** 2560
2800
2000
0.33
9.0
× 17.5 × 18.0 B32912B3334M*** 2560
2800
2000
22.5
0.15
6.0
× 15.0 × 26.5 B32913A3154+*** 2720
2800
2880
0.22
7.0
× 16.0 × 26.5 B32913A3224+*** 2320
2400
2520
0.33
8.5
× 16.5 × 26.5 B32913A3334M*** 1920
2000
2040
0.47
10.5
× 18.5 × 26.5 B32913A3474M*** 1560
1600
2160
27.5
0.47
11.0
× 21.0 × 31.5 B32914A3474+***
1400
1280
0.68
11.0
× 21.0 × 31.5 B32914B3684+***
1400
1280
1.0
13.5
× 23.0 × 31.5 B32914A3105+***
1000
1040
1.5
18.0
× 27.5 × 31.5 B32914A3155+***
800
2.2
19.0
× 30.0 × 31.5 B32914A3225M***
720
37.5
3.3
18.0
× 32.5 × 41.5 B32916A3335+***
720
4.7
20.0
× 39.5 × 41.5 B32916A3475M***
640
6.8
28.0
× 42.5 × 41.5 B32916A3685M***
440
B32911 ... B32916
X1 / 330 V AC
Page 4 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32911A3103K289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32911A3103 EPCOS-B32911A3103 Datasheet
363Kb / 4P
   EMI Suppression Capacitors
B32911A3103 EPCOS-B32911A3103 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32911A3103 EPCOS-B32911A3103 Datasheet
299Kb / 14P
   Film Capacitors
B32911A3103 EPCOS-B32911A3103 Datasheet
331Kb / 19P
   EMI Suppression Capacitors (MKP)
B32911A3103000 EPCOS-B32911A3103000 Datasheet
299Kb / 14P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32911A3103K289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921C3103M289 EPCOS-B32921C3103M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com