Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-00-1UG00C70 Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AL-00-1UG00C70
Description  High Power-LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-00-1UG00C70 Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AL-00-1UG00C70 Datasheet HTML 1Page - A-BRIGHT Inc AL-00-1UG00C70 Datasheet HTML 2Page - A-BRIGHT Inc AL-00-1UG00C70 Datasheet HTML 3Page - A-BRIGHT Inc AL-00-1UG00C70 Datasheet HTML 4Page - A-BRIGHT Inc AL-00-1UG00C70 Datasheet HTML 5Page - A-BRIGHT Inc AL-00-1UG00C70 Datasheet HTML 6Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-00-1UG00C70
Diff No.
High Power
Type:LED Lamps
3
Reliability test items and conditions :
The reliability of products shall be satisfied with items listed below.
Confidence level: 90%
LTPD: 10%
NO
ITEM
Test Conditions
Test
hours/cycle
Sample
Q’ty
Ac/Re
1
Solder Heat
Temp:260℃±5℃
5 sec
80 pcs
0/1
H:+85℃ 30min
5min
2
Temperature Cycle
L:-40℃ 30min
100 cycles 80 pcs
0/1
H:+100℃ 5min
10sec
3
Thermal Shock
L:-10℃ 5min
100 cycles 80 pcs
0/1
4
High Temperature Storage
Ta=100℃
1000 hrs
80 pcs
0/1
5
Low Temperature Storage
Ta=-40℃
1000 hrs
80 pcs
0/1
6
DC Operating Life
Temp:25℃
IF=20mA
1000 hrs
80 pcs
0/1
7
High Temperature/
High Humidity
85℃/85%RH
1000 hrs
80 pcs
0/1


Similar Part No. - AL-00-1UG00C70

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-00-1UG00C70 A-BRIGHT-AL-00-1UG00C70 Datasheet
290Kb / 6P
   High Power
AL-00-1UG00C70 A-BRIGHT-AL-00-1UG00C70_15 Datasheet
290Kb / 6P
   High Power
More results

Similar Description - AL-00-1UG00C70

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-00-2OR1CT A-BRIGHT-AL-00-2OR1CT Datasheet
293Kb / 6P
   High Power-LED Lamps
AL-00-2UY1CT A-BRIGHT-AL-00-2UY1CT Datasheet
294Kb / 6P
   High Power-LED Lamps
AL-00-1W400CAE A-BRIGHT-AL-00-1W400CAE Datasheet
289Kb / 6P
   High Power-LED Lamps
AL-33-01SUG5C A-BRIGHT-AL-33-01SUG5C Datasheet
297Kb / 6P
   High Power-LED Lamps
2009/3/23
AL-33-01UW5C A-BRIGHT-AL-33-01UW5C Datasheet
297Kb / 6P
   High Power-LED Lamps
2009/3/23
AL-33-01SUG5C A-BRIGHT-AL-33-01SUG5C Datasheet
297Kb / 6P
   High Power-LED Lamps
2009/3/23
AL-33-01SUR5C A-BRIGHT-AL-33-01SUR5C Datasheet
297Kb / 6P
   High Power-LED Lamps
2009/3/23
AL-33-01SUB5C A-BRIGHT-AL-33-01SUB5C Datasheet
297Kb / 6P
   High Power-LED Lamps
2009/3/23
AL-33-01UW5C A-BRIGHT-AL-33-01UW5C Datasheet
297Kb / 6P
   High Power-LED Lamps
2009/3/23
AL-00-1UY10CAE A-BRIGHT-AL-00-1UY10CAE Datasheet
290Kb / 6P
   High Power-LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com