Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B44020J0006B008 Datasheet(PDF) 4 Page - EPCOS

Part # B44020J0006B008
Description  Aluminum electrolytic capacitors Capacitors with screw terminals
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B44020J0006B008 Datasheet(HTML) 4 Page - EPCOS

  B44020J0006B008 Datasheet HTML 1Page - EPCOS B44020J0006B008 Datasheet HTML 2Page - EPCOS B44020J0006B008 Datasheet HTML 3Page - EPCOS B44020J0006B008 Datasheet HTML 4Page - EPCOS B44020J0006B008 Datasheet HTML 5Page - EPCOS B44020J0006B008 Datasheet HTML 6Page - EPCOS B44020J0006B008 Datasheet HTML 7Page - EPCOS B44020J0006B008 Datasheet HTML 8Page - EPCOS B44020J0006B008 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Mounting instructions
Non-insulated mounting with cap nut
Insulated mounting with cap nut
Mounting hole diameter
Insulated mounting with DIN 439 hex nut
d
≤ 76.9 mm
d = 91 mm
Mounting hole diameter
Mounting hole diameter
B44020
Screw terminals
Accessories
Page 4 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B44020J0006B008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44020J0006B008 EPCOS-B44020J0006B008 Datasheet
329Kb / 10P
   Accessories for capacitors with mounting stud on capacitor base
logo
TDK Electronics
B44020J0006B008 TDK-B44020J0006B008 Datasheet
439Kb / 15P
   Aluminum electrolytic capacitors
More results

Similar Description - B44020J0006B008

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41560 TDK-B41560 Datasheet
452Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41456 TDK-B41456 Datasheet
449Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41550 TDK-B41550 Datasheet
464Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41554 TDK-B41554 Datasheet
410Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
EPCOS
B43310 EPCOS-B43310 Datasheet
248Kb / 13P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com