Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY4630-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LY4630-PF
Description  CYLINDRICAL TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LY4630-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LY4630-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LY4630-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LY4630-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LY4630-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LY4630-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LY4630-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
75%
25%
75% 50%
100%
25%
0
50%
-60
°
100%
60
°
0
°
-30
°
30
°
+
-
2.54TYP
1.0MIN
5.6
5.0
0.5
TYP
1.5MAX
25.0MIN
9.8
8.8
1/5
Page
LY4630-PF
PART NO.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Package Dimensions
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
Directivity Radiation


Similar Part No. - LY4630-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LY4630 LIGITEK-LY4630 Datasheet
95Kb / 5P
   CYLINDRICAL TYPE LED LAMPS
More results

Similar Description - LY4630-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LWK4843Z-AOP-C01 LIGITEK-LWK4843Z-AOP-C01 Datasheet
206Kb / 8P
   CYLINDRICAL TYPE LED LAMPS
L8UG4043-PF LIGITEK-L8UG4043-PF Datasheet
222Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LDBK4843Z LIGITEK-LDBK4843Z Datasheet
136Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LSEFDGM24543-S195 LIGITEK-LSEFDGM24543-S195 Datasheet
118Kb / 7P
   CYLINDRICAL TYPE LED LAMPS
LDBK4741 LIGITEK-LDBK4741 Datasheet
113Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LDBK4840 LIGITEK-LDBK4840 Datasheet
111Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LG4040-PF LIGITEK-LG4040-PF Datasheet
113Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LI4630-PF LIGITEK-LI4630-PF Datasheet
110Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LH4733-PF LIGITEK-LH4733-PF Datasheet
111Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LI4841-PF LIGITEK-LI4841-PF Datasheet
110Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LPG4733-PF LIGITEK-LPG4733-PF Datasheet
111Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com