Electronic Components Datasheet Search |
|
B32924C3225K789 Datasheet(PDF) 2 Page - EPCOS |
|
B32924C3225K789 Datasheet(HTML) 2 Page - EPCOS |
2 / 17 page Typical applications For connection in series with the mains For severe ambient conditions Climatic Max. operating temperature: 105 °C Climatic category (IEC 60068-1): 40/105/56 Construction Dielectric: polypropylene (MKP) Plastic case (UL 94 V-0) Epoxy resin sealing (UL 94 V-0) Features Very small dimensions Self-healing properties Terminals Parallel wire leads, lead-free tinned Standard lead lengths: 6 1 mm Special lead lengths available on request Marking Manufacturer's logo, lot number, date code, rated capacitance (coded), capacitance tolerance (code letter), rated AC voltage (IEC), series number, sub-class (X2), dielectric code (MKP), climatic category, passive flammability category, approvals. Delivery mode Bulk (untaped) Taped (Ammo pack or reel) For taping details, refer to chapter "Taping and packing" Dimensional drawing Dimensions in mm Lead spacing ±0.4 Lead diameter d1 Type 15 ... 27.5 0.8 B32922*7 ... B32924*7 Marking examples 15 ≤ ≤ 27.5 mm CR ≤ 1 µF 22.5 ≤ ≤ 27.5 mm CR > 1 µF EMI suppression capacitors (MKP) B32922*7 ... B32924*7 X2 / 305 V AC Page 2 of 17 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B32924C3225K789 |
|
Similar Description - B32924C3225K789 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |