Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY11430-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LY11430-PF
Description  TOWER TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LY11430-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LY11430-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LY11430-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LY11430-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LY11430-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LY11430-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LY11430-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
-40 ~ +100
Tstg
Storage Temperature
Forward
voltage
@
mA(V)
Luminous
intensity
@10mA(mcd)
20
Spectral
halfwidth
△λnm
Viewing
angle
2
θ 1/2
(deg)
MATERIAL
Peak
wave
length
λPnm
PART NO
GaAsP/GaP
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LY11430-PF
30
Typ.
585
Yellow
1.7
35
2.6
20
Emitted
Lens
Min. Max. Min.
110
Typical Electrical & Optical Characteristics (Ta=25
)
COLOR
Page 2/5
Reverse Current @5V
Operating Temperature
Peak Forward Current
Duty 1/10@10KHz
Absolute Maximum Ratings at Ta=25
Forward Current
Power Dissipation
Parameter
20
mA
IF
Topr
Ir
-40 ~ +85
10
PD
IFP
60
80
μA
mA
mW
Symbol
Y
Ratings
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Yellow Diffused
PART NO. LY11430-PF


Similar Part No. - LY11430-PF

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LY111 SEOUL-LY111 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LY111 SEOUL-LY111 Datasheet
360Kb / 13P
   CYAN LAMP LED
LY111 SEOUL-LY111 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LY111 SEOUL-LY111 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LY111 SEOUL-LY111 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LY11430-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSR1030-PF LIGITEK-LSR1030-PF Datasheet
108Kb / 6P
   TOWER TYPE LED LAMPS
LY42740-C1 LIGITEK-LY42740-C1 Datasheet
104Kb / 5P
   TOWER TYPE LED LAMPS
LG1030-PF LIGITEK-LG1030-PF Datasheet
1Mb / 6P
   TOWER TYPE LED LAMPS
LG11430-PF LIGITEK-LG11430-PF Datasheet
111Kb / 6P
   TOWER TYPE LED LAMPS
LE42741-C2 LIGITEK-LE42741-C2 Datasheet
103Kb / 5P
   TOWER TYPE LED LAMPS
LG21441-PF LIGITEK-LG21441-PF Datasheet
110Kb / 6P
   TOWER TYPE LED LAMPS
LSR21440-PF LIGITEK-LSR21440-PF Datasheet
137Kb / 6P
   TOWER TYPE LED LAMPS
LSE21641-PF LIGITEK-LSE21641-PF Datasheet
110Kb / 6P
   TOWER TYPE LED LAMPS
LI11240-PF LIGITEK-LI11240-PF Datasheet
111Kb / 6P
   TOWER TYPE LED LAMPS
LY1030 LIGITEK-LY1030 Datasheet
70Kb / 5P
   TOWER TYPE LED LAMPS
LY1030-PF LIGITEK-LY1030-PF Datasheet
110Kb / 6P
   TOWER TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com