Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59339A1800P020 Datasheet(PDF) 8 Page - EPCOS

Part # B59339A1800P020
Description  PTC thermistors for switching applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59339A1800P020 Datasheet(HTML) 8 Page - EPCOS

Back Button B59339A1800P020 Datasheet HTML 4Page - EPCOS B59339A1800P020 Datasheet HTML 5Page - EPCOS B59339A1800P020 Datasheet HTML 6Page - EPCOS B59339A1800P020 Datasheet HTML 7Page - EPCOS B59339A1800P020 Datasheet HTML 8Page - EPCOS B59339A1800P020 Datasheet HTML 9Page - EPCOS B59339A1800P020 Datasheet HTML 10Page - EPCOS B59339A1800P020 Datasheet HTML 11Page - EPCOS B59339A1800P020 Datasheet HTML 12Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Cautions and warnings
General
EPCOS thermistors are designed for specific applications and should not be used for purposes
not identified in our specifications, application notes and data books unless otherwise agreed
with EPCOS during the design-in-phase.
Ensure suitability of thermistor through reliability testing during the design-in phase. The ther-
mistors should be evaluated taking into consideration worst-case conditions.
Storage
Store thermistors only in original packaging. Do not open the package before storage.
Storage conditions in original packaging: storage temperature
25
°C ... +45 °C, relative hu-
midity
≤75% annual mean, maximum 95%, dew precipitation is inadmissible.
Avoid contamination of thermistors surface during storage, handling and processing.
Avoid storage of thermistor in harmful environment with effect on function on long-term opera-
tion (examples given under operation precautions).
Use thermistor within the following period after delivery:
Through-hole devices (housed and leaded PTCs): 24 months
Motor protection sensors, glass-encapsulated sensors and probe assemblies: 24 months
Telecom pair and quattro protectors (TPP, TQP): 24 months
Leadless PTC thermistors for pressure contacting: 12 months
Leadless PTC thermistors for soldering: 6 months
SMDs in EIA sizes 3225 and 4032, and for PTCs with metal tags: 24 months
SMDs in EIA sizes 0402, 0603, 0805 and 1210: 12 months
Handling
PTCs must not be dropped. Chip-offs must not be caused during handling of PTCs.
Components must not be touched with bare hands. Gloves are recommended.
Avoid contamination of thermistor surface during handling.
Soldering (where applicable)
Use rosin-type flux or non-activated flux.
Insufficient preheating may cause ceramic cracks.
Rapid cooling by dipping in solvent is not recommended.
Complete removal of flux is recommended.
Standard PTC heaters are not suitable for soldering.
Switching applications
PTC thermistors in plastic case, 110 V and 230 V
Page 8 of 12
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59339A1800P020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59339A1800P020 EPCOS-B59339A1800P020 Datasheet
86Kb / 5P
   PTC Thermistors in Plastic Case, 63 V to 220 V
More results

Similar Description - B59339A1800P020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59119 EPCOS-B59119 Datasheet
227Kb / 9P
   PTC thermistors for switching applications
B59346A1502P020 EPCOS-B59346A1502P020_12 Datasheet
181Kb / 11P
   PTC thermistors for switching applications
B59118 EPCOS-B59118 Datasheet
247Kb / 6P
   PTC thermistors for switching applications
B59118 EPCOS-B59118_09 Datasheet
218Kb / 9P
   PTC thermistors for switching applications
B59450T1120A062 EPCOS-B59450T1120A062 Datasheet
226Kb / 9P
   PTC thermistors for overcurrent protection in telecom applications
B59081G1120A161 EPCOS-B59081G1120A161 Datasheet
231Kb / 11P
   PTC thermistors for overcurrent protection in telecom applications
B59093A0080B110 EPCOS-B59093A0080B110 Datasheet
190Kb / 8P
   PTC thermistors for overcurrent protection in telecom applications
B59805C1080A151 EPCOS-B59805C1080A151 Datasheet
224Kb / 12P
   PTC thermistors for overcurrent protection in telecom applications
B59535T1120A262 EPCOS-B59535T1120A262 Datasheet
302Kb / 13P
   PTC thermistors for overcurrent protection in telecom applications
B59970T1100A062 EPCOS-B59970T1100A062 Datasheet
210Kb / 9P
   PTC thermistors for overcurrent protection in telecom applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com