Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59339A1800P020 Datasheet(PDF) 9 Page - EPCOS

Part # B59339A1800P020
Description  PTC thermistors for switching applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59339A1800P020 Datasheet(HTML) 9 Page - EPCOS

Back Button B59339A1800P020 Datasheet HTML 4Page - EPCOS B59339A1800P020 Datasheet HTML 5Page - EPCOS B59339A1800P020 Datasheet HTML 6Page - EPCOS B59339A1800P020 Datasheet HTML 7Page - EPCOS B59339A1800P020 Datasheet HTML 8Page - EPCOS B59339A1800P020 Datasheet HTML 9Page - EPCOS B59339A1800P020 Datasheet HTML 10Page - EPCOS B59339A1800P020 Datasheet HTML 11Page - EPCOS B59339A1800P020 Datasheet HTML 12Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Mounting
Electrode must not be scratched before/during/after the mounting process.
Contacts and housing used for assembly with thermistor have to be clean before mounting. Es-
pecially grease or oil must be removed.
When PTC thermistors are encapsulated with sealing material, the precautions given in chapter
"Mounting instructions", "Sealing and potting" must be observed.
When the thermistor is mounted, there must not be any foreign body between the electrode of
the thermistor and the clamping contact.
The minimum force of the clamping contacts pressing against the PTC must be 10 N.
During operation, the thermistor’s surface temperature can be very high. Ensure that adjacent
components are placed at a sufficient distance from the thermistor to allow for proper cooling at
the thermistors.
Ensure that adjacent materials are designed for operation at temperatures comparable to the
surface temperature of thermistor. Be sure that surrounding parts and materials can withstand
this temperature.
Avoid contamination of thermistor surface during processing.
Operation
Use thermistors only within the specified temperature operating range.
Use thermistors only within the specified voltage and current ranges.
Environmental conditions must not harm the thermistors. Use thermistors only in normal at-
mospheric conditions. Avoid use in deoxidizing gases (chlorine gas, hydrogen sulfide gas, am-
monia gas, sulfuric acid gas etc), corrosive agents, humid or salty conditions. Contact with any
liquids and solvents should be prevented.
Be sure to provide an appropriate fail-safe function to prevent secondary product damage
caused by abnormal function (e.g. use VDR for limitation of overvoltage condition).
Switching applications
PTC thermistors in plastic case, 110 V and 230 V
Page 9 of 12
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59339A1800P020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59339A1800P020 EPCOS-B59339A1800P020 Datasheet
86Kb / 5P
   PTC Thermistors in Plastic Case, 63 V to 220 V
More results

Similar Description - B59339A1800P020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59119 EPCOS-B59119 Datasheet
227Kb / 9P
   PTC thermistors for switching applications
B59346A1502P020 EPCOS-B59346A1502P020_12 Datasheet
181Kb / 11P
   PTC thermistors for switching applications
B59118 EPCOS-B59118 Datasheet
247Kb / 6P
   PTC thermistors for switching applications
B59118 EPCOS-B59118_09 Datasheet
218Kb / 9P
   PTC thermistors for switching applications
B59450T1120A062 EPCOS-B59450T1120A062 Datasheet
226Kb / 9P
   PTC thermistors for overcurrent protection in telecom applications
B59081G1120A161 EPCOS-B59081G1120A161 Datasheet
231Kb / 11P
   PTC thermistors for overcurrent protection in telecom applications
B59093A0080B110 EPCOS-B59093A0080B110 Datasheet
190Kb / 8P
   PTC thermistors for overcurrent protection in telecom applications
B59805C1080A151 EPCOS-B59805C1080A151 Datasheet
224Kb / 12P
   PTC thermistors for overcurrent protection in telecom applications
B59535T1120A262 EPCOS-B59535T1120A262 Datasheet
302Kb / 13P
   PTC thermistors for overcurrent protection in telecom applications
B59970T1100A062 EPCOS-B59970T1100A062 Datasheet
210Kb / 9P
   PTC thermistors for overcurrent protection in telecom applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com