Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65805J0000R087 Datasheet(PDF) 2 Page - EPCOS

Part # B65805J0000R087
Description  Ferrites and accessories
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65805J0000R087 Datasheet(HTML) 2 Page - EPCOS

  B65805J0000R087 Datasheet HTML 1Page - EPCOS B65805J0000R087 Datasheet HTML 2Page - EPCOS B65805J0000R087 Datasheet HTML 3Page - EPCOS B65805J0000R087 Datasheet HTML 4Page - EPCOS B65805J0000R087 Datasheet HTML 5Page - EPCOS B65805J0000R087 Datasheet HTML 6Page - EPCOS B65805J0000R087 Datasheet HTML 7Page - EPCOS B65805J0000R087 Datasheet HTML 8Page - EPCOS B65805J0000R087 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 62317-4
Core without center hole
for transformer applications
Delivery mode: sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
with
center hole
without
center hole
Σl/A
le
Ae
Amin
Ve
1.0
20.8
20.8
433
0.93
22.1
23.8
18
526
mm–1
mm
mm2
mm2
mm3
m
2.9
3.0
g
Material
AL value
nH
s
approx.
mm
µ
e
Ordering code1)
-C with center hole
-N with threaded sleeve
K1
25
±3%
1.0
19.9
B65805+0025A001
40
±3%
0.40
31.8
B65805+0040A001
M33
63
±3%
0.4
50.2
B65805+0063A033
100
±3%
0.2
79.6
B65805+0100A033
N48
160
±3%
0.12
127
B65805+0160A048
250
±3%
0.06
199
B65805+0250A048
315
±3%
0.03
251
B65805+0315A048
1) Replace the + by the code letter “C” or “N” for the required version.
B65805
Core
RM 5


Similar Part No. - B65805J0000R087

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65805J0000R087 EPCOS-B65805J0000R087 Datasheet
513Kb / 15P
   Ferrites and accessories
logo
TDK Electronics
B65805J0000R087 TDK-B65805J0000R087 Datasheet
1Mb / 17P
   Ferrites and accessories
October 2022
More results

Similar Description - B65805J0000R087

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com