Electronic Components Datasheet Search |
|
B65803A0025A001 Datasheet(PDF) 5 Page - EPCOS |
|
B65803A0025A001 Datasheet(HTML) 5 Page - EPCOS |
5 / 11 page 5 10/07 Please read Cautions and warnings and Important notes at the end of this document. Clamp ■ With ground terminal, made of stainless spring steel (tinned), 0.335 mm thick ■ Solderability to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s ■ Also available as strip clamp on reels on request Insulating washer 1 between core and coil former ■ For tolerance compensation and for insulation ■ Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E 120 °C), 0.08 mm thick Aryphan F685, [E167358 (M)], natural color, LOFO HIGH TECH FILM GMBH Insulating washer 2 for double-clad PCBs ■ Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E 120 °C), 0.3 mm thick Makrofol FR, [E118859 (M)], natural color, BAYER MATERIALSCIENCE L L C Clamp Insulating washer 1 Insulating washer 2 Clamping forces for RM 4 Ordering code Clamp (ordering code per piece, 2 are required) B65806A2203X000 Insulating washer 1 (reel packing, PU = 1 reel) B65804A5000X000 Insulating washer 2 (bulk) B65804C2005X000 FRM0012-J 0,7 2,4 max. FRM0306-T 0.2 9.95 _ (preliminary data) FRM0157-Q Fmin: Extension of clamp from a to a2 = Xmin Fmax: Extension of clamp from a to a1 = Xmax Clamp opening a (mm) 8.3 +0.15 Core nose Zmax (mm) 0.15 Height of core pair X (mm) Xmin Xmax 8.75 9.25 Clamping force F (N) Fmin Fmax 5 40 B65804, B65806 Accessories RM 4 |
Similar Part No. - B65803A0025A001 |
|
Similar Description - B65803A0025A001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |