Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65805C0315A048 Datasheet(PDF) 4 Page - EPCOS

Part # B65805C0315A048
Description  Ferrites and accessories
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65805C0315A048 Datasheet(HTML) 4 Page - EPCOS

  B65805C0315A048 Datasheet HTML 1Page - EPCOS B65805C0315A048 Datasheet HTML 2Page - EPCOS B65805C0315A048 Datasheet HTML 3Page - EPCOS B65805C0315A048 Datasheet HTML 4Page - EPCOS B65805C0315A048 Datasheet HTML 5Page - EPCOS B65805C0315A048 Datasheet HTML 6Page - EPCOS B65805C0315A048 Datasheet HTML 7Page - EPCOS B65805C0315A048 Datasheet HTML 8Page - EPCOS B65805C0315A048 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Coil former
Material:
GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085:
H
max. operating temperature 180
°C), color code blue
Bakelite UP 3420® [E61040 (M)], HEXION SPECIALTY CHEMICALS GMBH
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
°C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350
°C, 3.5 s
Winding:
see Data Book 2007, chapter “Processing notes, 2.1”
Pins squared in the start-of-winding area.
For matching clamps and insulating washers see page 5.
4 pins
5 and 6 pins
8 pins
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
Ordering code
1
9.5
25
90
4
B65806K1004D001
5
B65806K1005D001
6
B65806K1006D001
8
B65806K1008D001
2
8.7
25
94
6
B65806K1006D002
FRM0278-J
5+0,15
0,7+0,05
6
1
2
5
4
3
5
3
6
2
ø0,52 max.
0,7+0,05
ø1+0,1
Erdungspunkte ø1,3+0,1
)
*
)
*
0,1
ø5,95 _
ø10,1 0,1
_
10
60
_
)
* Bei Ausführung mit
5 Stiften entfällt Stift 4
4 Stifte
5 und 6 Stifte
8 Stifte
Lochgruppen
Ansicht in Montagerichtung
Hole arrangement
View in mounting
*) Pin 4 is omitted
in 5-pin version.
Ground Ø 1.3+0.1
direction
FRM0278-J
B65806
Accessories
RM 5


Similar Part No. - B65805C0315A048

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65805C0000R026 EPCOS-B65805C0000R026 Datasheet
216Kb / 9P
   Core without center hole for transformer applications
B65805C0000R048 EPCOS-B65805C0000R048 Datasheet
216Kb / 9P
   Core without center hole for transformer applications
B65805C0000R048 EPCOS-B65805C0000R048 Datasheet
513Kb / 15P
   Ferrites and accessories
logo
TDK Electronics
B65805C0000R048 TDK-B65805C0000R048 Datasheet
1Mb / 17P
   Ferrites and accessories
October 2022
More results

Similar Description - B65805C0315A048

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com