Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65822F1008T001 Datasheet(PDF) 9 Page - EPCOS

Part # B65822F1008T001
Description  Ferrites and accessories
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65822F1008T001 Datasheet(HTML) 9 Page - EPCOS

Back Button B65822F1008T001 Datasheet HTML 3Page - EPCOS B65822F1008T001 Datasheet HTML 4Page - EPCOS B65822F1008T001 Datasheet HTML 5Page - EPCOS B65822F1008T001 Datasheet HTML 6Page - EPCOS B65822F1008T001 Datasheet HTML 7Page - EPCOS B65822F1008T001 Datasheet HTML 8Page - EPCOS B65822F1008T001 Datasheet HTML 9Page - EPCOS B65822F1008T001 Datasheet HTML 10Page - EPCOS B65822F1008T001 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 62317-4
For compact transformers
Without center hole
Delivery mode: sets
Magnetic characteristics (per set)
Σl/A= 0.71 mm–1
le
= 17.5 mm
Ae
= 24.5 mm2
Amin = 18 mm2
Ve
= 430 mm3
Approx. weight 2.6 g/set
Ungapped
Material
AL value
nH
µ
e
PV
W/set
Ordering code
T381)
7700 +40/–30%
4380
B65805P0000Y038
N49
1700 +30/–20%
970
< 0.09 ( 50 mT, 500 kHz, 100
°C) B65805P0000R049
N92
1900 +30/–20%
1080
< 0.29 (200 mT, 100 kHz, 100
°C) B65805P0000R092
N87
2400 +30/–20%
1360
< 0.26 (200 mT, 100 kHz, 100
°C) B65805P0000R087
1) Preliminary data
B65805P
Core
RM 5 »Low Profile«


Similar Part No. - B65822F1008T001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65822F1008T001 EPCOS-B65822F1008T001 Datasheet
513Kb / 15P
   Ferrites and accessories
logo
TDK Electronics
B65822F1008T001 TDK-B65822F1008T001 Datasheet
1Mb / 17P
   Ferrites and accessories
October 2022
More results

Similar Description - B65822F1008T001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com